Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3360
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3360 Datasheet HTML 1Page - NXP Semiconductors PCD3360 Datasheet HTML 2Page - NXP Semiconductors PCD3360 Datasheet HTML 3Page - NXP Semiconductors PCD3360 Datasheet HTML 4Page - NXP Semiconductors PCD3360 Datasheet HTML 5Page - NXP Semiconductors PCD3360 Datasheet HTML 6Page - NXP Semiconductors PCD3360 Datasheet HTML 7Page - NXP Semiconductors PCD3360 Datasheet HTML 8Page - NXP Semiconductors PCD3360 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Jan 15
3
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
1
FEATURES
• Output signals for electro-dynamic transducer
(loudspeaker) or for piezo-electric transducer (PXE)
• 7 basic output frequencies (tones) and a pause
• 4 selectable tone sequences
• 4 selectable repetition rates
• 3 selectable impedance settings
• 3-step automatic swell
• Delta-modulated output signal that approximates a
sinewave
• Input ringing frequency discriminator with selectable
upper and lower frequency limits
• Output for optical signal
• Customized tone sequences, impedance settings and
automatic swell levels are mask programmable.
2
GENERAL DESCRIPTION
The PCD3360 is a CMOS integrated circuit, designed to
replace the electro-mechanical bell in telephone sets.
It meets most postal requirements, with selectivity of
output tone sequences and input ringer frequencies.
Output signals for a loudspeaker or for a piezo-electric
(PXE) transducer are provided. No audio transformer is
required since the loudspeaker is driven in class D.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
fTONE
available frequencies
(tones)
553, 600, 667, 800, 1000, 1067,
1333
Hz
nint
number of intervals per tone
sequence
15 or 16
fLL
lower limits of frequency
discriminator
13.33 or 20
Hz
fUL
upper limits of frequency
discriminator
30 or 60
Hz
Zset
impedance settings
with 50
Ω loudspeaker
≈7, ≈10.5 or ≈17.5
k
Ω
td(on)
switch-on delay
ringer frequency = 25 Hz
60 (maximum)
ms
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD3360P
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
PCD3360T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com