Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAQ Datasheet(PDF) 35 Page - Winbond

Part # W39V080FAQ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAQ Datasheet(HTML) 35 Page - Winbond

Back Button W39V080FAQ Datasheet HTML 27Page - Winbond W39V080FAQ Datasheet HTML 28Page - Winbond W39V080FAQ Datasheet HTML 29Page - Winbond W39V080FAQ Datasheet HTML 30Page - Winbond W39V080FAQ Datasheet HTML 31Page - Winbond W39V080FAQ Datasheet HTML 32Page - Winbond W39V080FAQ Datasheet HTML 33Page - Winbond W39V080FAQ Datasheet HTML 34Page - Winbond W39V080FAQ Datasheet HTML 35Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 35 -
Revision A5
15. VERSION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A1
Nov. 25, 2004
-
Initial Issued
A2
Jan. 05, 2005
8
Add 6.11 Identification Input pin ID[3:0] item
Add 6.12.3 Product Identification Registers
Dual bios device ID 93(hex)
A3
April 14, 2005
35
Add important notice
A4
Oct. 3, 2005
3
Revise endurance 10K cycles to 30K cycles
A5
Dec. 13, 2005
8, 16
Revise 6.10.4 DQ5: Exceeded Timing Limits description,
and page16 Embedded Toggle Bit Algorithm
Important Notice
Winbond products are not designed, intended, authorized or warranted for use as components
in systems or equipment intended for surgical implantation, atomic energy control instruments,
airplane or spaceship instruments, transportation instruments, traffic signal instruments,
combustion control instruments, or for other applications intended to support or sustain life.
Further more, Winbond products are not intended for applications wherein failure of Winbond
products could result or lead to a situation wherein personal injury, death or severe property or
environmental damage could occur.
Winbond customers using or selling these products for use in such applications do so at their
own risk and agree to fully indemnify Winbond for any damages resulting from such improper
use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com