Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAQ Datasheet(PDF) 12 Page - Winbond

Part # W39V080FAQ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAQ Datasheet(HTML) 12 Page - Winbond

Back Button W39V080FAQ Datasheet HTML 8Page - Winbond W39V080FAQ Datasheet HTML 9Page - Winbond W39V080FAQ Datasheet HTML 10Page - Winbond W39V080FAQ Datasheet HTML 11Page - Winbond W39V080FAQ Datasheet HTML 12Page - Winbond W39V080FAQ Datasheet HTML 13Page - Winbond W39V080FAQ Datasheet HTML 14Page - Winbond W39V080FAQ Datasheet HTML 15Page - Winbond W39V080FAQ Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
W39V080FA
- 12 -
6.14 Fwh Cycle Definition
FIELD
NO. OF
CLOCKS
DESCRIPTION
START
1
"1101b" indicates FWH Memory Read cycle; while "1110b" indicates FWH
Memory Write cycle. 0000b" appears on FWH bus to indicate the initial
IDSEL
1
This one clock field indicates which FWH component is being selected.
MSIZE
1
Memory Size. There is always show “0000b” for single byte access.
TAR
2
Turned Around Time
ADDR
7
Address Phase for Memory Cycle. FWH supports the 28 bits address
protocol. The addresses transfer most significant nibble first and least
significant nibble last. (i.e. Address[27:24] on FWH[3:0] first, and
Address[3:0] on FWH[3:0] last.)
SYNC
N
Synchronous to add wait state. "0000b" means Ready, "0101b" means Short
Wait, "0110b" means Long Wait, "1001b" for DMA only, "1010b" means
error, and other values are reserved.
DATA
2
Data Phase for Memory Cycle. The data transfer least significant nibble first
and most significant nibble last. (i.e. DQ[3:0] on FWH[3:0] first, then DQ[7:4]
on FWH[3:0] last.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com