Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAT Datasheet(PDF) 9 Page - Winbond

Part # W39V080FAT
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAT Datasheet(HTML) 9 Page - Winbond

Back Button W39V080FAT Datasheet HTML 5Page - Winbond W39V080FAT Datasheet HTML 6Page - Winbond W39V080FAT Datasheet HTML 7Page - Winbond W39V080FAT Datasheet HTML 8Page - Winbond W39V080FAT Datasheet HTML 9Page - Winbond W39V080FAT Datasheet HTML 10Page - Winbond W39V080FAT Datasheet HTML 11Page - Winbond W39V080FAT Datasheet HTML 12Page - Winbond W39V080FAT Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 9 -
Revision A5
Block Locking Registers type and access memory map Table
REGISTERS
REGISTERS
TYPE
CONTROL
BLOCK
DEVICE PHYSICAL
ADDRESS
4GBYTES SYSTEM
MEMORY ADDRESS
BLR15
R/W
15
0FFFFFh – 0F0000h
FFBF0002h
BLR14
R/W
14
0EFFFFh – 0E0000h
FFBE0002h
BLR13
R/W
13
0DFFFFh – 0D0000h
FFBD0002h
BLR12
R/W
12
0CFFFFh – 0C0000h
FFBC0002h
BLR11
R/W
11
0BFFFFh – 0B0000h
FFBB0002h
BLR10
R/W
10
0AFFFFh – 0A0000h
FFBA0002h
BLR9
R/W
9
09FFFFh – 090000h
FFB90002h
BLR8
R/W
8
08FFFFh – 080000h
FFB80002h
BLR7
R/W
7
07FFFFh – 070000h
FFB70002h
BLR6
R/W
6
06FFFFh – 060000h
FFB60002h
BLR5
R/W
5
05FFFFh – 050000h
FFB50002h
BLR4
R/W
4
04FFFFh – 040000h
FFB40002h
BLR3
R/W
3
03FFFFh – 030000h
FFB30002h
BLR2
R/W
2
02FFFFh – 020000h
FFB20002h
BLR1
R/W
1
01FFFFh – 010000h
FFB10002h
BLR0
R/W
0
00FFFFh – 000000h
FFB00002h
Block Locking Register Bits Function Table
BIT
FUNCTION
7 – 3
Reserved
2
Read Lock
1: Prohibit to read in the block where set
0: Normal read operation in the block where clear. This is default state.
1
Lock Down
1: Prohibit further to set or clear the Read Lock or Write Lock bits. This Lock Down
Bit can only be set not clear. Only the device is reset or re-powered, the Lock Down
Bit is cleared.
0: Normal operation for Read Lock or Write Lock. This is the default state.
0
Write Lock
1: Prohibited to write in the block where set. This is default state.
0: Normal programming/erase operation in the block where clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com