Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAT Datasheet(PDF) 21 Page - Winbond

Part # W39V080FAT
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAT Datasheet(HTML) 21 Page - Winbond

Back Button W39V080FAT Datasheet HTML 17Page - Winbond W39V080FAT Datasheet HTML 18Page - Winbond W39V080FAT Datasheet HTML 19Page - Winbond W39V080FAT Datasheet HTML 20Page - Winbond W39V080FAT Datasheet HTML 21Page - Winbond W39V080FAT Datasheet HTML 22Page - Winbond W39V080FAT Datasheet HTML 23Page - Winbond W39V080FAT Datasheet HTML 24Page - Winbond W39V080FAT Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 21 -
Revision A5
Programmer Interface Mode AC Characteristics, continued
8.3 Read Cycle Timing Parameters
(VDD = 3.3V
± 0.3V, VSS = 0V, TA = 0 to 70° C)
W39V080FA
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Read Cycle Time
TRC
350
-
nS
Row / Column Address Set Up Time
TAS
50
-
nS
Row / Column Address Hold Time
TAH
50
-
nS
Address Access Time
TAA
-
200
nS
Output Enable Access Time
TOE
-
75
nS
#OE Low to Active Output
TOLZ
0
-
nS
#OE High to High-Z Output
TOHZ
-
35
nS
Output Hold from Address Change
TOH
0
-
nS
8.4 Write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reset Time
TRST
1
-
-
μS
Address Setup Time
TAS
50
-
-
nS
Address Hold Time
TAH
50
-
-
nS
R/#C to Write Enable High Time
TCWH
50
-
-
nS
#WE Pulse Width
TWP
100
-
-
nS
#WE High Width
TWPH
100
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
50
-
-
nS
#OE Hold Time
TOEH
0
-
-
nS
Byte programming Time
TBP
-
9
250
μS
Sector Erase Cycle Time (Note (c))
TPEC
-
0.9
6
S
Program/Erase Valid to RY/#BY Delay
TBUSY
90
-
-
nS
Note: All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is input high and
(b) low level signal's reference level is input low. Ref. to the AC testing condition.
(c) Exclude 00H pre-program prior to erasure. (In the pre-programming step of the embedded erase algorithm, all bytes are
programmed to 00H before erasure
8.5 Data Polling and Toggle Bit Timing Parameters
W39V080FA
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
#OE to Data Polling Output Delay
TOEP
-
40
nS
#OE to Toggle Bit Output Delay
TOET
-
40
nS
Toggle or Polling interval
---
50
-
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com