Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAQZ Datasheet(PDF) 25 Page - Winbond

Part # W39V080FAQZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAQZ Datasheet(HTML) 25 Page - Winbond

Back Button W39V080FAQZ Datasheet HTML 21Page - Winbond W39V080FAQZ Datasheet HTML 22Page - Winbond W39V080FAQZ Datasheet HTML 23Page - Winbond W39V080FAQZ Datasheet HTML 24Page - Winbond W39V080FAQZ Datasheet HTML 25Page - Winbond W39V080FAQZ Datasheet HTML 26Page - Winbond W39V080FAQZ Datasheet HTML 27Page - Winbond W39V080FAQZ Datasheet HTML 28Page - Winbond W39V080FAQZ Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 25 -
Revision A5
10. FWH INTERFACE MODE AC CHARACTERISTICS
10.1 AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0.6 VDD to 0.2 VDD
Input Rise/Fall Slew Rate
1 V/nS
Input/Output Timing Level
0.4VDD / 0.4VDD
Output Load
1 TTL Gate and CL = 10 pF
10.2 Read/Write Cycle Timing Parameters
(VDD = 3.3V
± 0.3V, VSS = 0V, TA = 0 to 70° C)
W39V080FA
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Clock Cycle Time
TCYC
30
-
nS
Input Set Up Time
TSU
7
-
nS
Input Hold Time
THD
0
-
nS
Clock to Data Valid
TKQ
2
11
nS
Note: Minimum and Maximum time have different load. Please refer to PCI specification.
10.3 Reset Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
VDD stable to Reset Active
TPRST
1
-
-
mS
Clock Stable to Reset Active
TKRST
100
-
-
μS
Reset Pulse Width
TRSTP
100
-
-
nS
Reset Active to Output Float
TRSTF
-
-
50
nS
Reset Inactive to Input Active
TRST
10
-
-
μS
Note: All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is input high and
(b) low level signal's reference level is input low.
Please refer to the AC testing condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com