Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080FAQZ Datasheet(PDF) 32 Page - Winbond

Part # W39V080FAQZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAQZ Datasheet(HTML) 32 Page - Winbond

Back Button W39V080FAQZ Datasheet HTML 27Page - Winbond W39V080FAQZ Datasheet HTML 28Page - Winbond W39V080FAQZ Datasheet HTML 29Page - Winbond W39V080FAQZ Datasheet HTML 30Page - Winbond W39V080FAQZ Datasheet HTML 31Page - Winbond W39V080FAQZ Datasheet HTML 32Page - Winbond W39V080FAQZ Datasheet HTML 33Page - Winbond W39V080FAQZ Datasheet HTML 34Page - Winbond W39V080FAQZ Datasheet HTML 35Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
W39V080FA
- 32 -
12. ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
FWH MODE
POWER SUPPLY
CURRENT TYP.
(mA)
FWH MODE
STANDBY VDD
CURRENT TYP.
(uA )
PACKAGE
W39V080FAP
11
15
20
32L PLCC
W39V080FAQ
11
15
20
32L STSOP
W39V080FAT
11
15
20
40L TSOP
W39V080FAPZ
11
15
20
32L PLCC Lead free
W39V080FAQZ
11
15
20
32L STSOP Lead free
W39V080FATZ
11
15
20
40L TSOP Lead free
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in
applications where personal injury might occur as a consequence of product failure.
13. HOW TO READ THE TOP MARKING
Example: The top marking of 32-pin STSOP W39V080FAQZ
1
st line: Winbond logo
2
nd line: the part number: W39V080FAQZ
3
rd line: the lot number
4
th line: the tracking code: 149 O B SA
149: Packages made in ’01, week 49
O: Assembly house ID: A means ASE, O means OSE, ...etc.
B: IC revision; A means version A, B means version B, ...etc.
SA: Process code
Z: Lead free
W39V080FAQZ
2138977A-A12
149OBSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com