Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745AP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD3745AP
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD3745AP Datasheet HTML 8Page - NXP Semiconductors PCD3745AP Datasheet HTML 9Page - NXP Semiconductors PCD3745AP Datasheet HTML 10Page - NXP Semiconductors PCD3745AP Datasheet HTML 11Page - NXP Semiconductors PCD3745AP Datasheet HTML 12Page - NXP Semiconductors PCD3745AP Datasheet HTML 13Page - NXP Semiconductors PCD3745AP Datasheet HTML 14Page - NXP Semiconductors PCD3745AP Datasheet HTML 15Page - NXP Semiconductors PCD3745AP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
1999 Feb 02
12
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
88
16386.268
89
16386.283
8A
16386.301
8B
16386.316
8C
16386.334
8D
16386.350
8E
16386.367
8F
16386.385
90
16386.400
91
16386.418
92
16386.434
93
16386.451
94
16386.467
95
16386.484
96
16386.500
97
16386.518
98
16386.533
99
16386.551
9A
16386.566
9B
16386.584
9C
16386.600
9D
16386.617
9E
16386.635
9F
16386.650
A0
16386.668
A1
16386.684
A2
16386.701
A3
16386.717
A4
16386.734
A5
16386.750
FAR (HEX)
FRCO
A6
16386.768
A7
16386.783
A8
16386.801
A9
16386.816
AA
16386.834
AB
16386.850
AC
16386.867
AD
16386.885
AE
16386.900
AF
16386.918
B0
16386.934
B1
16386.951
B2
16386.967
B3
16386.984
B4
16387.000
B5
16387.018
B6
16387.033
B7
16387.051
B8
16387.066
B9
16387.084
BA
16387.100
BB
16387.117
BC
16387.135
BD
16387.150
BE
16387.168
BF
16387.184
C0
16387.201
C1
16387.217
C2
16387.234
C3
16387.250
FAR (HEX)
FRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com