Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745AP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD3745AP
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD3745AP Datasheet HTML 14Page - NXP Semiconductors PCD3745AP Datasheet HTML 15Page - NXP Semiconductors PCD3745AP Datasheet HTML 16Page - NXP Semiconductors PCD3745AP Datasheet HTML 17Page - NXP Semiconductors PCD3745AP Datasheet HTML 18Page - NXP Semiconductors PCD3745AP Datasheet HTML 19Page - NXP Semiconductors PCD3745AP Datasheet HTML 20Page - NXP Semiconductors PCD3745AP Datasheet HTML 21Page - NXP Semiconductors PCD3745AP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
1999 Feb 02
18
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
14 OTP PROGRAMMING
The programming of the PCD3745A OTP is based on the OM4260 programmer (Ceibo MP-51) which is available from
Philips. The OM4260 works in conjunction with various adapters and supports the package types listed in Table 12.
The low voltage OTP program memory used is of Anti-Fuse-PROM type and cannot be erased after programming. Thus,
the complete OTP memory cannot be tested by the factory, but only partially via a special test array. The average
expected yield is 97%.
Detailed information on the OTP programming is available in the
“PCD3755x Application Note”, available from Philips
Sales offices.
Table 12 OTP programming overview
Note
1. As the OM5037 is only a socket converter, the OM5007 is also needed to program the PCD3745A in the LQFP32
package.
15 SUMMARY OF DERIVATIVE REGISTERS
Table 13 Register map
DEVICE
PHILIPS TYPE NUMBER
CEIBO TYPE NUMBER
SUPPORTED
PACKAGE
Ceibo MP-51
OM4260
MP-51 programmer base
−
PCD3745A
OM5007
adapter DIP
DIP28
OM5030
adapter SO
SO28
OM5037; note 1
socket converter LQFP32
LQFP32
ADDRESS
(HEX)
REGISTER
76543210
00 to 1F
not used
−−−−−−−−
20
Clock Control Register (CLCR)
SITS
TST2
TST1
ERCO
RUN
ITS
CIF
ECI
21
Frequency Adjustment
Register (FAR)
FAR7
FAR6
FAR5
FAR4
FAR3
FAR2
FAR1
FAR0
22 to 3F
not used
−−−−−−−−
40
Peripheral Counter Control
Register (PCCR)
EC1
EC1I
0
C1F
EC2
EC2I
0
C2F
41
Counter 1 Low Byte (C1LB)
C1LB7
C1LB6
C1LB5
C1LB4
C1LB3
C1LB2
C1LB1
C1LB0
42
Counter 1 High Byte (C1HB)
C1HB7 C1HB6 C1HB5 C1HB4 C1HB3 C1HB2 C1HB1 C1HB0
43
Counter 2 Low Byte (C2LB)
C2LB7
C2LB6
C2LB5
C2LB4
C2LB3
C2LB2
C2LB1
C2LB0
44
Counter 2 High Byte (C2HB)
C2HB
C2HB
C2HB
C2HB
C2HB
C2HB
C2HB
C2HB
45 to FF
not used
−−−−−−−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com