Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LED20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-LED20
Description  Technical Light Meter PCE-LED 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LED20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-LED20 Datasheet HTML 1Page - PCE Instruments. PCE-LED20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specifications:
Measuring ranges
40 / 400 / 4000 / 40000 / 400000 lx
40 / 400 / 4000 / 40000 fc
Measuring units
Lux (lx) or footcandle (fc)
Sensor
Silicone photodiode with built-in filter
Display
Max. representation 3999
Representation of 40000 / 400000 lux and 40000 fc in klux and kfc
respectively
Measuring accuracy
± 3% (for a standard incandescent lamp at 2856 K and LED white light)
± 6% for other visible light sources
Overload indication
OL = Overload
Internal memory
99 measured values
Measuring rate
2.5 x per second
Measurable sources of light
LED and any other visible light
Measuring functions
Maximum / Minimum / Average / Hold / Zero
Automatic balance
Automatic shutdown
Automatic range selection
Power supply
3 x 1.5 V AAA batteries
Operating conditions
+ 5 ... + 40 ° C / + 41 … + 104 ° F, 0 ... 70 % RH
Storage conditions
- 10 ... + 60 ° C / + 14 … + 140 ° F, 0 ... 70 % RH
For compliance with
standards
EMC: EN 61326-1 (2006)
IEC 61000-4-2 (2006)
IEC 61000-4-3 (2006) + (2007)
JIS C1609: 1993
CNS 5519
OSHA § 1915.82
Dimensions
Approx. 162 x 62 x 28 mm / 6.4 x 2.5 x 1.1” (L x W x H)
Weight
Approx. 250 g / 0.6 lb
Length of sensor cable
Approx. 1.5 m / 4.92’
Reproducibility
± 3%
Delivery Contents:
1 x PCE-LED 20 LED light meter
1 x light sensor with protective cap
3 x batteries
1 x carrying case
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com