Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LED20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-LED20
Description  Technical Light Meter PCE-LED 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LED20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-LED20 Datasheet HTML 1Page - PCE Instruments. PCE-LED20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Light Meter PCE-LED 20
PCE-LED 20 LED Light Meter
Handheld lux meter with automatic range selection, displays measuring units in lux or
footcandle
PCE-LED 20 is a light meter with an external LED light sensor. The cable of the sensor has an extended
length of approx. 1.5 meters or 4.92 feet. Different work or production processes require different lighting
conditions. In school, office and factory environments, lighting must also meet applicable safety standards.
Indoor lighting conditions can be assessed quickly and easily using this meter. The LED light meter or lux
meter can display measured values directly on the display. A direct measurement is thus immediately
possible. By means of various presets, the functions installed in the device can also be activated or
deactivated. These functions include the normal HOLD function, in which the measured value is frozen in
the display. In addition, the extreme values as well as the average value can be frozen in the display.
Further functions of the LED lux meter are the zero adjustment, the automatic shutdown and the automatic
range selection.
Measurements are possible with the LED lux meter in lux or footcandle. The unit has only seven keys,
allowing for one-hand operation. This also makes the instrument simple to use. The LED lux meter is a
battery-powered handset, making the device portable and ideal for measurements in the field.
The measuring sensor of the LED lux meter has a large exposure area. For convenience, the sensor is
located on a coiled cable that can be extended to full length only when needed. A protective cap on the
sensor prolongs its life. This protective cap should be placed on the sensor during storage. In addition, the
protective cap is required when a zero adjustment is to be performed on the LED lux meter.
- Displays measurements in lux or footcandle
- Battery status indicator
- Battery-saving automatic power off
- Overload indicator
- Wired sensor cable length of 1.5 m or 4.92 ft
- MIN / MAX / AVG / HOLD functions
- 2.5 measurements per second
- Zero adjustment
- Automatic range selection


Similar Part No. - PCE-LED20

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-LES100 PCE-PCE-LES100 Datasheet
836Kb / 2P
Tachometer PCE-LES 100
More results

Similar Description - PCE-LED20

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DBM-20.B01 MURATA-PS-DBM-20.B01 Datasheet
713Kb / 3P
20 Segment LED Bar Meter/Controller
logo
Extech Instruments Corp...
401020 EXTECH-401020 Datasheet
380Kb / 4P
Light Meter Adapters
401025 EXTECH-401025 Datasheet
117Kb / 6P
Digital Light Meter
403125 EXTECH-403125 Datasheet
129Kb / 8P
Digital Light Meter
EA31 EXTECH-EA31 Datasheet
145Kb / 7P
EasyView Digital Light Meter
EA33 EXTECH-EA33 Datasheet
305Kb / 9P
EasyView Light Meter with Memory
LT300 EXTECH-LT300 Datasheet
132Kb / 6P
Digital Light Meter
LT300 EXTECH-LT300_15 Datasheet
536Kb / 1P
LT300 Light Meter
SDL400 EXTECH-SDL400_15 Datasheet
147Kb / 1P
Light Meter/Datalogger
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com