Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755FP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD3755FP
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755FP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD3755FP Datasheet HTML 14Page - NXP Semiconductors PCD3755FP Datasheet HTML 15Page - NXP Semiconductors PCD3755FP Datasheet HTML 16Page - NXP Semiconductors PCD3755FP Datasheet HTML 17Page - NXP Semiconductors PCD3755FP Datasheet HTML 18Page - NXP Semiconductors PCD3755FP Datasheet HTML 19Page - NXP Semiconductors PCD3755FP Datasheet HTML 20Page - NXP Semiconductors PCD3755FP Datasheet HTML 21Page - NXP Semiconductors PCD3755FP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
1997 Apr 16
18
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
8
DERIVATIVE INTERRUPTS
One derivative interrupt event is defined. It is controlled by
bits T2F and ET2I in the EPCR (see Tables 10 and 11).
The derivative interrupt event occurs when T2F is set. This
request is honoured under the following circumstances:
• No interrupt routine proceeds
• No external interrupt request is pending
• The derivative interrupt is enabled
• ET2I is set.
The derivative interrupt routine must include instructions
that will remove the cause of the derivative interrupt by
explicitly clearing T2F. If the derivative interrupt is not
used, T2F may directly be tested by the program.
Obviously, T2F can also be asserted under program
control, e.g. to generate a software interrupt.
9
TIMING
Although thePCD3755A, PCD3755E and PCD3755F
operate over a clock frequency range from 1 to 16 MHz,
fxtal = 3.58 MHz will usually be chosen to take full
advantage of the frequency generator section.
10 RESET
In addition to the conditions given in the
“PCD33xxA
Family” data sheet, all derivative registers are cleared in
the reset state.
11 IDLE MODE
In Idle mode, the frequency generator, the EEPROM and
the Timer 2 sections remain operative. Therefore, the
IDLE instruction may be executed while an erase and/or
write access to EEPROM is in progress.
12 STOP MODE
Since the oscillator is switched off, the frequency
generator, the EEPROM and the Timer 2 sections receive
no clock. It is suggested to clear both the HGF and the
LGF registers before entering Stop mode. This will cut off
the biasing of the internal amplifiers, considerably
reducing current requirements.
The Stop mode must not be entered while an erase
and/or write access to EEPROM is in progress. The STOP
instruction may only be executed when EWP in EPCR is
zero. The Timer 2 section is frozen during Stop mode.
After exit from Stop mode by a HIGH level on CE/T0,
Timer 2 proceeds from the held state.
13 INSTRUCTION SET RESTRICTIONS
As RAM space is restricted to 128 bytes, care should be
taken to avoid accesses to non-existing RAM locations.
14 OVERVIEW OF PORT AND POWER-ON-RESET CONFIGURATION
Table 24 Port and Power-on-reset configuration
See note 1 and 2.
Notes
1. Port output drive: 1 = standard I/O; 2 = open-drain I/O, see
“PCD33xxA Family” data sheet.
2. Port state after reset: S = Set (HIGH) and R = Reset (LOW).
3. The Melody Output drive type is push-pull.
TYPE
PORT 0
PORT 1
PORT 2
VPOR
01234567012345
6
7
0123
PCD3755A
1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1R 1R(3)
2S
2S
2S
2S
1.3 V
PCD3755E
1S 1S 1S 1S 1S 1S 1S 1S 2S 2S 2S 2S 2S 2S 1S 1S(3)
2S
1R
1R
1R
2.0 V
PCD3755F
1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1R 1R(3)
2S
2S
2S
2S
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com