Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755FP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD3755FP
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755FP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD3755FP Datasheet HTML 15Page - NXP Semiconductors PCD3755FP Datasheet HTML 16Page - NXP Semiconductors PCD3755FP Datasheet HTML 17Page - NXP Semiconductors PCD3755FP Datasheet HTML 18Page - NXP Semiconductors PCD3755FP Datasheet HTML 19Page - NXP Semiconductors PCD3755FP Datasheet HTML 20Page - NXP Semiconductors PCD3755FP Datasheet HTML 21Page - NXP Semiconductors PCD3755FP Datasheet HTML 22Page - NXP Semiconductors PCD3755FP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1997 Apr 16
19
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
15 OTP PROGRAMMING
The programming of the PCD3755x and PCD3756x OTPs
is based on the OM4260 programmer (Ceibo MP-51),
available from Philips. The OM4260 works in conjunction
with various adapters supporting the different package
types available as listed in Table 25.
The low-voltage OTP program memory used is of
Anti-Fuse-PROM type and can not be erased after
programming.
Thus, the complete OTP memory cannot be tested by the
factory, but only partially via a special test array.
The average expected yield is 97%.
Detailed information on the OTP programming is available
in the
“PCD3755x Application Note”, which is available via
your Philips Sales office.
Table 25 OTP programming overview
Note
1. As the OM5037 is only a socket converter, the OM5007 is also needed to program the PCD3755x/56x in the LQFP32
package.
DEVICE
PHILIPS TYPE NUMBER
CEIBO TYPE NUMBER
SUPPORTED PACKAGE
Ceibo MP-51
OM4260
MP-51 programmer base
−
PCD3755x/56x
OM5007
PCD3755A / 56A adapter DIP
DIP28
PCD3755x/56x
OM5030
PCD3755A / 56A adapter SO
SO28
PCD3755x/56x
OM5037(1)
PCD3755A / 56A adapter QFP32 LQFP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com