Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT225A Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT225A
Description  Durometer PCE-HT-225A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT225A Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT225A Datasheet HTML 1Page - PCE Instruments. PCE-HT225A Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Test range
10 ... 60 MPa or 100 ... 600 kg/cm² or 1450 ... 8702 psi
Impact energy
2.207 J or N-m / 1.6278 ft-lb
Impact stroke
75 ± 0.3 mm / 2.95 ± 0.012 in
Spring rigidity
785 J or N-m / 578.99 ft-lb
Average rebound
value (for
calibration)
80 ± 2
Radiusof spherical
tip
25 ± 1 mm / 0.99 ± 0.04 in
Adhesion of the
measurement tip
0.65 ... 0.15 N
Rebound value
range
0 to 100 (without dimensions)
Conversion tables
On back of instrument and in user manual; to convert rebound
values indicated to kg/cm² and MPa (with introduction of
impact angle)
Weight
Approx. 1kg / 2.21 lbs
Dimensions
Approx. 66 x 280 mm / 2.6 x 11.02 in
More information
Manual
Application Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com