Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT225A Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT225A
Description  Durometer PCE-HT-225A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT225A Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT225A Datasheet HTML 1Page - PCE Instruments. PCE-HT225A Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Durometer PCE-HT-225A
PCE-HT-225A Durometer
Economical, practical and easy-to-use
PCE-HT-225A is a durometer or concrete test hammer, also called a concrete rebound hammer or Swiss hammer, used for non-destructive
measurements of surface hardness and compression strength. Suitable for use with concrete, rock and building materials, this manufacturer-
calibrated manual rebound hammer is economical, practical and easy to use.
The quality of concrete is judged mainly on the basis of compressive strength, since compressive strength is directly responsible for the
structural behavior and durability of concrete constructions. The compressive strength is designated by a sequence of letters and numbers. For
example, "B 25" is considered normal concrete with a compressive strength of 220 kg / cm² or 3100 psi. There are many intermediate values up
to the highest strength class of "B 55." Thus, using this concrete hardness tester, you can quickly, easily and accurately classify concrete
strength.
For psi concrete measurement, download the chart to convert rebound value to psi. Optional test anvil to verify accuracy listed under
accessories. 
Employs mechanical rebound test method - no digital components
Kg/cm², psi, and MPa conversion tables on back of instrument and in user manual
Manufacturer calibrated - ISO calibration certificate available as an option (see accessories)
Ideal for use in construction, structural engineering and material strength testing
Includes two-year warranty against manufacturer defects 
Optional test anvil to verify accuracy listed under accessories


Similar Part No. - PCE-HT225A

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT225E PCE-PCE-HT225E Datasheet
488Kb / 2P
Hardness Tester PCE-HT 225E
More results

Similar Description - PCE-HT225A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Littelfuse
MG12225WB-BN2MM LITTELFUSE-MG12225WB-BN2MM Datasheet
1Mb / 5P
1200V 225A IGBT Module
logo
MacMic
MMG225WB120B6TN MACMIC-MMG225WB120B6TN Datasheet
541Kb / 6P
1200V 225A IGBT Module
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com