Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5041HZ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD5041HZ
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041HZ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD5041HZ Datasheet HTML 5Page - NXP Semiconductors PCD5041HZ Datasheet HTML 6Page - NXP Semiconductors PCD5041HZ Datasheet HTML 7Page - NXP Semiconductors PCD5041HZ Datasheet HTML 8Page - NXP Semiconductors PCD5041HZ Datasheet HTML 9Page - NXP Semiconductors PCD5041HZ Datasheet HTML 10Page - NXP Semiconductors PCD5041HZ Datasheet HTML 11Page - NXP Semiconductors PCD5041HZ Datasheet HTML 12Page - NXP Semiconductors PCD5041HZ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Oct 31
9
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
6
FUNCTIONAL DESCRIPTION (see Fig.1)
The PCD5041 has dedicated hardware blocks containing
logic for time-critical functions requiring bit or byte-time
accuracy. Other functions requiring only slot-time
accuracy are performed by software in the Programmable
Communication Controller (PCC). This approach offers
maximum flexibility during prototyping.
6.1
Internal bus and data memory
6.1.1
INTERNAL BUS
The function of the internal bus is:
• To provide access for all functional blocks to the
common data memory
• To provide access for the microcontroller-interface and
the PCC to all other functional blocks.
All functional blocks (speech-interface, RF-interface,
microcontroller-interface and PCC) can autonomously use
the internal bus to communicate with the common data
memory.
A bus controller is used to handle the bus priority
mechanism. When several blocks request access
simultaneously, the request with the highest priority is
handled first.
6.1.2
DATA MEMORY
A large part of the data memory is used for the bit rate
adaptation between the DECT radio interface and the
speech interface. The data memory also acts as the main
communication interface between the external
microprocessor and the PCC.
In a handset, the device uses only 1 kbyte of the common
data memory. The remaining 1 kbyte can be used by the
microcontroller as an extended data memory for the higher
layer software. The microcontroller is not aware of the fact
that it is sharing the memory with the PCD5041. From the
microcontroller’s point of view, the PCD5041’s
microcontroller-interface plus the common data memory
behave as a standard RAM device.
6.2
Clock generation and correction (see Fig.4)
The device has an on-chip 13.824 MHz crystal oscillator.
From this source, a few frequencies are derived for internal
and external use. Frequencies generated for external use
are:
• 13.824 MHz for the synthesizer reference
(pin REF_CLK). This output is only provided if the
synthesizer power-down control (output on
pin S_POWER_DWN) is not selected.
• 0.144 to 13.824 MHz for the microcontroller clock
(pin PROC_CLK)
• 3.456 MHz for the ADPCM CODEC (pin CLK3)
• 1200 Hz (pin 1200_HZ) for dual synthesizer switching
• 100 Hz (pin CLK100) indicates start of frame.
Nominally, the frequency on pin CLK3 is 3.456 MHz. This
frequency is obtained by dividing the crystal frequency by
4. Sometimes, the crystal frequency will be divided by 3
or by 5, to synchronize the combination of the ADPCM
CODEC and the device to an external source. For the
handset application, the PCD5041 can be synchronized to
the incoming radio channel, using the ‘slot
synchronization’ event of one active channel, so the
handset is locked to one base station.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com