Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5041HZ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD5041HZ
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041HZ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD5041HZ Datasheet HTML 6Page - NXP Semiconductors PCD5041HZ Datasheet HTML 7Page - NXP Semiconductors PCD5041HZ Datasheet HTML 8Page - NXP Semiconductors PCD5041HZ Datasheet HTML 9Page - NXP Semiconductors PCD5041HZ Datasheet HTML 10Page - NXP Semiconductors PCD5041HZ Datasheet HTML 11Page - NXP Semiconductors PCD5041HZ Datasheet HTML 12Page - NXP Semiconductors PCD5041HZ Datasheet HTML 13Page - NXP Semiconductors PCD5041HZ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Oct 31
10
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
Fig.4 Internal clocking scheme of the PCD5041.
handbook, full pagewidth
MBH708
480
bit counter
3.456 MHz system
clock for ADPCM codec
24
slot counter
100 Hz
frame sync
1152 kHz
system/bit clock
clock corrections in this level
unless disabled PCD5041's mode register
COMPARATOR
'SYNC' event
FSx signals
(8 kHz)
16
slot counter
2
144
3
4 (
±1)
13.824 MHz system clock
6.912 MHz system clock
6.3
Programmable communication controller and
program memory
6.3.1
PCC
The PCC is a RISC-type controller and is used to control
functions which are slot-time accurate. It is well suited for
bit manipulation, and runs at a clock frequency of
6.912 MHz (equivalent to 3.4Mips). After finishing a task, it
switches to a power saving state, from which it returns
after a pre-programmed time.
6.3.2
PCC FUNCTIONS
The most important functions of the PCC are to:
• Perform the appropriate actions on received messages:
PMID and FMID checking, RFPI checking, TBC
handling
• Prepare A-field messages for transmission
• Prepare the RF-interface for the coming slot
• Perform the procedures for RSSI and set-up scan,
maintain scan counters and timers, assemble the RSSI
field in the common data memory
• Filter events and indicate them to the microcontroller by
interrupt.
6.4
Speech interface
The speech interface block performs the following
functions:
• Connection to a 1152 kbit/s interface in a handset and a
simple base station in the so called ‘12 slot mode’
• Autonomous storing/fetching of ADPCM speech data
in/from the PCD5041’s common data memory, using
internal addressing logic
• Muting of speech data
• Local call.
6.4.1
12-SLOT MODE
This is the normal operating mode for the PCD5041.
The 12-slot mode is selected if up to 4 ADPCM CODECs
are connected to the PCD5041, where the PCD5041 is the
master of these CODECs. In a handset, or in a simple
base stations which is connected with up to 4 analog lines
to the public network, the PCD5041 is master of the
CODECs. Each CODEC is connected with a separate
framing reference signal (FS1 to FS4) to the PCD5041.
In the QFP64 package, 2 framing signals FS1 and FS2
are available, whereas in the LQFP80 package 4 framing
signals can be used (FS1 to FS4). When more CODECs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com