Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5136-RDTUL Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT83C5136-RDTUL
Description  8-bit Microcontroller with Full Speed USB Device
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5136-RDTUL Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT83C5136-RDTUL Datasheet HTML 97Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 98Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 99Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 100Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 101Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 102Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 103Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 104Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 171 page
background image
101
AT83C5134/35/36
7683B–USB–03/07
1
SD1
Address bit 1 or Data bit 1.
0
SD0
Address bit 0 (R/W) or Data bit 0.
Table 80. SSCS (094h) Read - Synchronous Serial Control and Status Register
7
6
5
4
3
2
1
0
SC4
SC3
SC2
SC1
SC0
0
0
0
Bit
Number
Bit
Mnemonic Description
0
0
Always zero
1
0
Always zero
2
0
Always zero
3
SC0
Status Code bit 0
See Table 73 to Table 77
4
SC1
Status Code bit 1
See Table 73 to Table 77
5
SC2
Status Code bit 2
See Table 73 to Table 77
6
SC3
Status Code bit 3
See Table 73 to Table 77
7
SC4
Status Code bit 4
See Table 73 to Table 77
Table 81. SSADR (096h) - Synchronous Serial Address Register (read/write)
7
6
5
4
3
2
1
0
A7
A6
A5
A4
A3
A2
A1
A0
Bit
Number
Bit
Mnemonic Description
7
A7
Slave address bit 7.
6
A6
Slave address bit 6.
5
A5
Slave address bit 5.
4
A4
Slave address bit 4.
3
A3
Slave address bit 3.
2
A2
Slave address bit 2.
1
A1
Slave address bit 1.
0
GC
General call bit
Clear to disable the general call address recognition.
Set to enable the general call address recognition.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com