Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5136-RDTUL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT83C5136-RDTUL
Description  8-bit Microcontroller with Full Speed USB Device
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5136-RDTUL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT83C5136-RDTUL Datasheet HTML 10Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 11Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 12Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 13Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 14Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 15Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 16Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 17Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 171 page
background image
14
AT83C5134/35/36
7683B–USB–03/07
Clock Controller
Introduction
The AT83C5134/35/36 clock controller is based on an on-chip oscillator feeding an on-
chip Phase Lock Loop (PLL). All the internal clocks to the peripherals and CPU core are
generated by this controller.
The AT83C5134/35/36 X1 and X2 pins are the input and the output of a single-stage on-
chip inverter (see Figure 8) that can be configured with off-chip components as a Pierce
oscillator (see Figure 9). Value of capacitors and crystal characteristics are detailed in
the section “DC Characteristics”.
The X1 pin can also be used as input for an external 48 MHz clock.
The clock controller outputs three different clocks as shown in Figure 8:
•
a clock for the CPU core
•
a clock for the peripherals which is used to generate the Timers, PCA, WD, and Port
sampling clocks
•
a clock for the USB controller
These clocks are enabled or disabled depending on the power reduction mode as
detailed in Section “Power Management”, page 138.
Figure 8. Oscillator Block Diagram
Oscillator
Two clock sources are available for CPU:
•
Crystal oscillator on X1 and X2 pins: Up to 32 MHz
•
External 48 MHz clock on X1 pin
In order to optimize the power consumption, the oscillator inverter is inactive when the
PLL output is not selected for the USB device.
X1
X2
PD
PCON.1
IDL
PCON.0
Peripheral
CPU Core
0
1
X2
CKCON.0
÷ 2
Clock
Clock
EXT48
PLLCON.2
0
1
PLL
USB
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com