Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5136-RDTUL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT83C5136-RDTUL
Description  8-bit Microcontroller with Full Speed USB Device
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5136-RDTUL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT83C5136-RDTUL Datasheet HTML 26Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 27Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 28Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 29Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 30Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 31Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 32Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 33Page - ATMEL Corporation AT83C5136-RDTUL Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 171 page
background image
30
AT83C5134/35/36
7683B–USB–03/07
Stacked EEPROM
Overview
The AT83C5134/35/36 features a stacked 2-wire serial data EEPROM. The data
EEPROM allows to save from 512 Byte for AT24C04 version up to 32 Kbytes for
AT24C256 version. The EEPROM is internally connected to the microcontroller on SDA
and SCL pins.
Protocol
In order to access this memory, it is necessary to use software subroutines according to
the AT24Cxx datasheet. Nevertheless, because the internal pull-up resistors of the
AT83C5134/35/36 is quite high (around 100KΩ), the protocol should be slowed in order
to be sure that the SDA pin can rise to the high level before reading it.
Another solution to keep the access to the EEPROM in specification is to work with a
software pull-up.
Using a software pull-up, consists of forcing a low level at the output pin of the microcon-
troller before configuring it as an input (high level).
The C51 the ports are “quasi-bidirectional” ports. It means that the ports can be config-
ured as output low or as input high. In case a port is configured as an output low, it can
sink a current and all internal pull-ups are disconnected. In case a port is configured as
an input high, it is pulled up with a strong pull-up (a few hundreds Ohms resistor) for 2
clock periods. Then, if the port is externally connected to a low level, it is only kept high
with a weak pull up (around 100KΩ), and if not, the high level is latched high thanks to a
medium pull (around 10kΩ).
Thus, when the port is configured as an input, and when this input has been read at a
low level, there is a pull-up of around 100KΩ, which is quite high, to quickly load the
SDA capacitance. So in order to help the reading of a high level just after the reading of
a low level, it is possible to force a transition of the SDA port from an input state (1), to
an output low state (0), followed by a new transition from this output low state to input
state; In this case, the high pull-up has been replaced with a low pull-up which warran-
ties a good reading of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com