Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-COM20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-COM20
Description  Technical Conductivity Tester PCE-COM 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-COM20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-COM20 Datasheet HTML 1Page - PCE Instruments. PCE-COM20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- Internal rechargeable battery
- Portable, handheld
- User friendly
Technical specifications:
Operating frequency
60 kHz, sine wave
Conductivity measuring range
0.51% IACS ... 112% IACS
0.3 MS/m ... 65 MS/m
Resistance range
0.015388 ... 3.33333 Ω • mm² / m
Conductivity measuring
resolution
0.01% IACS (at <51% IACS)
0.1% IACS (at 51% IACS ... 112% IACS)
Conductivity measuring
accuracy
± 0.5% at +20 ° C / +68 ° F
± 1% in the range 0 ... +40 ° C / +32 ... +104 ° F
Lift-off compensation
0.5 mm / ≈ 0.0197"
Temperature measuring range 0 ... + 50 ° C / +32 ... +122 ° F
Temperature measuring
accuracy
± 0.5 °
Temperature compensation
Automatic adjustment of conductivity result to the value at 20 ° C /
+68 ° F
Operating conditions
0 ... + 50 ° C / +32 ... +122 ° F, 0 ... 95% relative humidity (RH)
Display
LCD, backlit
Menu languages
English, German, Chinese (simplified)
Power supply
Internal, rechargeable battery
Probe diameter
Ø 14 mm / ≈ 0.55"
Memory
Stores up to 500 groups of measurement values
Data interface
USB port connection
Dimensions
≈ 220 x 95 x 35 mm / 8.66 x 3.74 x 1.38"
Weight
≈ 415 g / 1 lb (with probe)
Delivery contents:
1 x PCE-COM 20 conductivity tester for metals
1 x sine wave measuring probe
1 x set of calibration plates
1 x factory calibration certificate
1 x PC-compatible software
1 x USB to RS-232 data cable
1 x charging adapter
1 x hex wrench
1 x carrying case
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com