Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-COM20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-COM20
Description  Technical Conductivity Tester PCE-COM 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-COM20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-COM20 Datasheet HTML 1Page - PCE Instruments. PCE-COM20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Conductivity Tester PCE-COM 20
PCE-COM 20 Conductivity Tester for Metals
Large measuring range up to 112% IACS or 65 MS/m with lift-off and temperature
compensation, memory, PC-compatible software, factory calibration certificate and 60 kHz
operating frequency
PCE-COM 20 is a portable handheld non-destructive conductivity tester for metals. This non-destructive
testing (NDT) device uses eddy current to determine the electrical conductivity of non-ferrous metals
such as aluminum and copper.
Featuring an operating frequency of 60 kHz, the conductivity meter has a large measuring range of 0.51
... 112% IACS with an accuracy of +/- 0.5% at 20 ° C / 68 ° F. Thanks to a resolution of up to 0.01%
IACS, automatic temperature compensation (ATC) and lift-off compensation (up to 500 μm), the device
ensures quick, easy, accurate and reproducible measurements of coated or corroded pieces during
changing ambient conditions.
Measurement of the electrical conductivity of non-ferrous metals, such as aluminum, copper, titanium,
magnesium or bronze, is necessary in applications involving electrical conductors and the
characterization of alloys. Typical application areas are the assessment of strength differences in heat-
treated or hardened materials, the authenticity testing of coin alloys, the verification of alloy
inhomogeneities in critical components and the sorting of materials.
The conductivity meter is powered by an internal battery that can be charged via the interface on the
bottom of the unit. In addition to the connection for the charging adapter, there is a USB interface
allowing for the transfer of measurement data to a PC for more detailed analysis.
- Eddy current measuring principle
- For non-ferrous metals and alloys
- Non-destructive testing (NDT)
- 60 khZ operating frequency
- Large measuring range up to 112% IACS or 65 MS/m
- Memory for up to 500 groups of measurements
- Automatic temperature compensation (ATC)
- Lift-off compensation up to 500 μm
- Automatic calibration
- Adjustable backlighting


Similar Part No. - PCE-COM20

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCE-C-06 ADAM-TECH-PCE-C-06 Datasheet
116Kb / 1P
.100 RECEPTACLE WITH BOARD HOOKS
PCE-C-XX ADAM-TECH-PCE-C-XX Datasheet
83Kb / 1P
909 Rahway Avenue
logo
PCE Instruments.
PCE-CBA10 PCE-PCE-CBA10 Datasheet
435Kb / 2P
Electrical Tester PCE-CBA 10
PCE-CBA20 PCE-PCE-CBA20 Datasheet
566Kb / 2P
Car Measuring Device / Car Battery Tester PCE-CBA 20
PCE-CIC10 PCE-PCE-CIC10 Datasheet
171Kb / 2P
Color Matching Cabinet PCE-CIC 10
More results

Similar Description - PCE-COM20

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Endress+Hauser Group Se...
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com