Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DOM10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DOM10
Description  Environmental Meter PCE-DOM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DOM10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DOM10 Datasheet HTML 1Page - PCE Instruments. PCE-DOM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Oxygen in liquids
 
Measuring range
0 ... 20 mg / L
Resolution
0.1 mg / L
Accuracy
± 0.4 mg / L
 
 
Oxygen in the air (reference
measurement)
Measuring range
0 ... 100%
Resolution
0.1%
Accuracy
± 0.7% 
 
Temperature
 
Measuring range
0 ... 50°C / 32 ... 122°F
Resolution
0.1°C / 0.18°F
Accuracy
± 0.8°C / 1.4°F
 
 
Temperature units
°C / °F
Display
LCD display 29 x 28 mm / 1.1 x 1.1
in
Temperature compensation
Automatically
Storage
MIN, MAX
Automatic shutdown
After approx. 15 minutes
Operating conditions
0 ... 50°C / 32 ... 122°F, < 80% RH
Power supply
4 x 1.5V AAA batteries
Power consumption
Approx. 6.2-mA
Dimensions
180 x 40 x 40 mm / 7.1 x 1.6 x 1.6 in 
Weight
Approx. 176 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com