Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DOM10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DOM10
Description  Environmental Meter PCE-DOM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DOM10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DOM10 Datasheet HTML 1Page - PCE Instruments. PCE-DOM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Environmental Meter PCE-DOM 10
Environmental Meter PCE-DOM Series
Oxygen meter with exchangeable probes / Automatic temperature compensation / Oxygen saturation and the sample temperature /
For mobile use
The oxygen meter PCE-DOM 10 is a measuring device to determine the oxygen content both in liquids and in the ambient air. With this oxygen
meter, water analysis can be carried out on the oxygen content in a very short time and with an integrated temperature sensor, the oxygen
meter is able to carry out an automatic temperature compensation. As a result, the oxygen meter is also used for analyzing the oxygen content
of lakes or streams, as strong temperature fluctuations can occur here, which falsify the measurement result. This oxygen meter is also used, for
example, in fish farming.
Before the initial start-up, the sensors on the oxygen meter are initially dry. In order to carry out a measurement, the sensors of the oxygen
meter must be provided with the electrolyte supplied. Even if the membrane is possibly damaged, it can be replaced with the oxygen meter in
just a few steps. This ensures that the oxygen meter is ready for use again within a very short time.
Measuring range up to 20 mg / L
For oxygen analysis
Temperature compensation up to 50°C / 122°F
Electrolyte included
For measurements in liquids and in air
Exchangeable oxygen sensor


Similar Part No. - PCE-DOM10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DOM20 PCE-PCE-DOM20 Datasheet
553Kb / 2P
Food / Hygiene Meter PCE-DOM 20
More results

Similar Description - PCE-DOM10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
45170 EXTECH-45170_15 Datasheet
116Kb / 1P
Environmental Meter
45170CM EXTECH-45170CM Datasheet
506Kb / 1P
45170CM 5-in-1 Environmental Meter with CFM/CMM
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com