Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DOM20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DOM20
Description  Food / Hygiene Meter PCE-DOM 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DOM20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DOM20 Datasheet HTML 1Page - PCE Instruments. PCE-DOM20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Food / Hygiene Meter PCE-DOM 20
Food / Hygiene Meter PCE-DOM Series
Oxygen meter with exchangeable probes / Automatic temperature compensation / Oxygen saturation and the sample temperature /
For mobile use
The oxygen meter PCE-DOM 20 is a measuring device to determine the oxygen content both in liquids and in the ambient air. With this oxygen
meter, water analyzes can be carried out on the oxygen content in a very short time and with the integrated temperature sensor, the oxygen
meter is able to carry out an automatic temperature compensation. As a result, the oxygen meter is also used for analyzing the oxygen content
of lakes or streams, as strong temperature fluctuations can occur here, which falsify the measurement result. This oxygen meter is also used, for
example, in fish farming.
Before the initial start-up, the sensors on the oxygen measuring device are initially dry. In order to carry out a measurement, the sensors of the
oxygen measuring device must be provided with the electrolyte supplied. Even if the membrane is damaged, it can be replaced with the
oxygen measuring device in just a few steps. This ensures that the oxygen measuring device is ready for use again within a very short time.
Measuring range up to 20 mg / L
For oxygen analysis
Temperature compensation up to 50°C / 122°F
Electrolyte included
For measurements in liquids and in air
Exchangeable oxygen sensor


Similar Part No. - PCE-DOM20

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DOM10 PCE-PCE-DOM10 Datasheet
268Kb / 2P
Environmental Meter PCE-DOM 10
More results

Similar Description - PCE-DOM20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
SICK AG
WL4S-3N1130H SICK-WL4S-3N1130H Datasheet
1Mb / 6P
Inox Hygiene hotoelectric retroreflective sensor
2/4/2016
WL4S-3P3230H SICK-WL4S-3P3230H Datasheet
1Mb / 6P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
WL4S-3P3232H SICK-WL4S-3P3232H Datasheet
1Mb / 7P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
WL4S-3V3232H SICK-WL4S-3V3232H Datasheet
1Mb / 7P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com