Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS1.32 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # KRTBAELPS1.32
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS1.32 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button KRTBAELPS1.32 Datasheet HTML 2Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 3Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 4Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 5Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 6Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 9Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
6 | Version 1.3 | 2022-09-21
Brightness Groups
Color of emission
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
● red
1V
710 mcd
800 mcd
● red
2V
800 mcd
900 mcd
● red
3V
900 mcd
1000 mcd
● red
4V
1000 mcd
1120 mcd
● red
5A
1120 mcd
1250 mcd
● red
6A
1250 mcd
1400 mcd
● red
7A
1400 mcd
1590 mcd
● true green
6B
2010 mcd
2240 mcd
● true green
7B
2240 mcd
2500 mcd
● true green
8B
2500 mcd
2800 mcd
● true green
5C
2800 mcd
3150 mcd
● blue
4S
250 mcd
280 mcd
● blue
1T
280 mcd
315 mcd
● blue
2T
315 mcd
355 mcd
● blue
3T
355 mcd
400 mcd
● blue
4T
400 mcd
450 mcd
● blue
1U
450 mcd
500 mcd
● blue
2U
500 mcd
560 mcd
● blue
3U
560 mcd
630 mcd
● blue
4U
630 mcd
710 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com