Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS1.32 Datasheet (PDF) - OSRAM GmbH

KRTBAELPS1.32 Datasheet PDF - OSRAM GmbH
Part # KRTBAELPS1.32
Download  KRTBAELPS1.32 Download
File Size   2462.89 Kbytes
Page   34 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.

KRTBAELPS1.32 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBAELPS1.32 Datasheet PDF - OSRAM GmbH

Part # KRTBAELPS1.32
Download  KRTBAELPS1.32 Click to download

File Size   2462.89 Kbytes
Page   34 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.

KRTBAELPS1.32 Datasheet (HTML) - OSRAM GmbH


KRTBAELPS1.32 Product details

Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 625 nm (● red); λdom = 528 nm (● true green); λdom = 465 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KRTBAELPS1.32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBAELPS2.32 OSRAM-KRTBAELPS2.32 Datasheet
2Mb / 35P
The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
Version 1.2 2024-02-14
More results


Similar Description - KRTBAELPS1.32

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3705Z IRF-IRLR3705Z Datasheet
286Kb / 11P
Specifically designed for Automotive applications,this HEXFET Power MOSFET
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
The LD1207 is specifically designed for LED DISPLAY drivers
logo
International Rectifier
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
Specifically designed for Automotive applications
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
Specifically designed for Automotive applications
logo
Littelfuse
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
logo
ams AG
KRTBDWLM32.32 AMSCO-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com