Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAILMS1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # KRTBAILMS1
Description  This Micro SIDELED® is a RGB device in an SMT package with side emission.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAILMS1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button KRTBAILMS1 Datasheet HTML 5Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 6Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 7Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 8Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 9Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 10Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 11Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 12Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
9 | Version 1.3 | 2022-07-27
Relative Spectral Emission 5)
I
rel = f (λ); IF = 20 mA; TS = 25 °C
KRTB AILMS1
350
400
450
500
550
600
650700
750800
λ /nm
0,0
0,2
0,4
0,6
0,8
1,0
Irel
:Vλ
:red
:green
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com