Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAILMS1 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KRTBAILMS1
Description  This Micro SIDELED® is a RGB device in an SMT package with side emission.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAILMS1 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KRTBAILMS1 Datasheet HTML 8Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 9Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 10Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 11Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 12Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 13Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 14Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 15Page - OSRAM GmbH KRTBAILMS1 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
12 | Version 1.3 | 2022-07-27
Relative Luminous Intensity 5), 6)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
KRTB AILMS1
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(20mA)
:red
Relative Luminous Intensity 5), 6)
I
v/Iv(15 mA) = f(IF); TS = 25 °C
KRTB AILMS1
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
IV
IV(15mA)
:green
Relative Luminous Intensity 5), 6)
I
v/Iv(7 mA) = f(IF); TS = 25 °C
KRTB AILMS1
IF /mA
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
IV
IV(7mA)
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com