Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBLFLM71.32 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KRTBLFLM71.32
Description  This device is especially designed for full color video walls.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLM71.32 Datasheet(HTML) 2 Page - OSRAM GmbH

  KRTBLFLM71.32 Datasheet HTML 1Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 2Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 3Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 4Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 5Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 6Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 7Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
KRTB LFLM71.32
DATASHEET
DATASHEET
2 | Version 1.3 | 2022-05-31
DISPLIX® P2828
KRTB LFLM71.32
This device is especially designed for full color video walls. The
6-lead-technology allows for an additive mixture of color stimuli
by independent driving of each chip. Very compact package
size fits best for high resolution video walls.
Applications
- Video Walls Signage
- VMS
Features
- Package: SMD epoxy package, higher contrast by a black surface (RGB-Displays)
- Chip technology: Thinfilm / InGaN on Sapphire
- Typ. Radiation: 110° (horizontal), 110° (vertical)
- Color: λ
dom = 621 nm (● red); λdom = 525 nm (● true green); λdom = 472 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com