Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBLFLM71.32 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KRTBLFLM71.32
Description  This device is especially designed for full color video walls.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLM71.32 Datasheet(HTML) 3 Page - OSRAM GmbH

  KRTBLFLM71.32 Datasheet HTML 1Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 2Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 3Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 4Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 5Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 6Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 7Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
KRTB LFLM71.32
DATASHEET
DATASHEET
3 | Version 1.3 | 2022-05-31
Ordering Information
Type
Brightness 1)
Ordering Code
KRTBLFLM71.32-TZUV-GQ+VTVX-FM+RYSX-QW-B
Q65113A0738
● red
● I
v = 424 ... 710 mcd (IF = 15 mA)
Q65113A0738
● true green
● I
v = 754 ... 1250 mcd (IF = 10 mA)
Q65113A0738
● blue
● I
v = 159 ... 315 mcd (IF = 10 mA)
Q65113A0738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com