Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-228-R Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-228-R
Description  Redox-Meter PCE-228-R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-228-R Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-228-R Datasheet HTML 1Page - PCE Instruments. PCE-228-R Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measurement ranges
1999... 0 ... 1999 mV
0.00 ... 14.00 pH
(only with optional pH
electrode)
0.0 ... 65.0°C (only
temperature sensor)
Resolution
1 mV
0.01 pH
0.1°C
Accuracy (a 20°C)
± (0.5% + 2 digits)
± (0.02 pH + 2 digits)
± 0.5°C
Calibration
Automatic three-point calibration
Temperature
compensation
Automatic form 0 ... 65°C or by hand between 0 ... 100°C
by removing temperature sensor.
(only for pH measuremnts)
Electrode
Redox OPR-14 electrode, 
1 meter cable and BNC plug
Measurement rate
Adjustable from 1 second up to
8 hours 59 min 59 seg
Memory
SD card from 1 ... 16 GB
(2 GB card included)
Display
LCD: 52 x 38 mm / 2 x 1.5 in
Interface
RS 232
Software
Optional component
Power supply
6 x 1.5V AA battery /
9V adaptor (optional)
Environmental
conditions
0 ... 50°C / 32 ... 122°F max. 80% H.r.
Dimensions
177 x 68 x 45 mm / 7 x 2.7 x 1.8 in
Weight
490 g / 1.1 lbs
More information
Manual
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com