Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-228-R Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-228-R
Description  Redox-Meter PCE-228-R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-228-R Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-228-R Datasheet HTML 1Page - PCE Instruments. PCE-228-R Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Redox-Meter PCE-228-R
PCE-228-R Redox meter /Portable Redox Meter, for both pH and temperature values /RS-232 interface and optional software 
PCE-288-R Redox Meter is a very easy to use meter to measure mV / pH / ºC. In the PC-228-R Redox Meter values can be directly stored in the
SD memory card (Excel format) or can be directly transferred in real time to a PC or laptop by means of the RS-232 interface.Both Redox value
and temperature can be directly transferred to a PC by means of the RS-232 interface, so we offer you software and a RS-232 data cable as
additional components. Temperature compensation (function available only for measurements of pH) can be made by hand or automatically by
means of a temperature sensor included in the delivery of the Redox Meter. So, all the previously mentioned characteristics provide this Redox
Meter with a high reliability. The PCE-228-R Redox Meter has a three-point calibration. Redox, temperature and pH values can be determined
by means of the combined meter. To determine the pH value an additional pH electrode must be purchased. You can find the pH
electrode in the accessories tab. We recommend you use the PW 03 electrode. PCE-228-R Redox Meter is powered by batteries (one 9V
battery is included in the delivery). 
Good quality at an affordable price
SD memory card (1 ... 16 GB)
Values are directly stored in Excel format in the SD memory card (any additional software is required)
RS-232 interface for real time data transference
Measures Redox and temperature
High accuracy
Low battery indication
Large LCD display
Adjustment of the measurement rate
Easy-to-use
Compact case
Redox OPR-14 sensor and stainless steel temperature sensor are included
Automatic calibration
Automatic / manual temperature compensation (only for pH measurements not for Redox ones)
BNC connection
Suitable for laboratories or on-the spot Redox measurements.
Additional Redox electrode


Similar Part No. - PCE-228-R

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-2000N PCE-PCE-2000N Datasheet
431Kb / 3P
Hardness Tester PCE-2000N
logo
Advantech Co., Ltd.
PCE-2029-00A1 ADVANTECH-PCE-2029-00A1 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
PCE-2029/2129 ADVANTECH-PCE-2029/2129 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
PCE-2032-00A1 ADVANTECH-PCE-2032-00A1 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
PCE-2032-00A1 ADVANTECH-PCE-2032-00A1 Datasheet
892Kb / 2P
Compact size IPC with 10th Gen Intel® Core™ i CPU Socket (LGA 1200) and 250W ATX PSU
9-Nov-2021
More results

Similar Description - PCE-228-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Holtek Semiconductor In...
BH66F2260 HOLTEK-BH66F2260 Datasheet
7Mb / 214P
R-Sensor Blood Pressure Meter Flash MCU
March 15, 2017
BH67F2260 HOLTEK-BH67F2260 Datasheet
12Mb / 253P
R-Sensor Blood Pressure Meter Flash MCU with LCD
March 15, 2017
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com