Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-AS1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-AS1
Description  Air Sampler PCE-AS1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-AS1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-AS1 Datasheet HTML 1Page - PCE Instruments. PCE-AS1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Micropores at collector
head
300
Battery
6400-mA, rechargeable, up to 15 hours of continuous use
at full charge
Flowrate/capacity
Flow Error Rate
100liters per minute (lpm) or 3.53 cubic feet per minute
±2.5%
Flowrate at
measuring head
0.38meters per second (m/s)
Measurement volume 10... 6000 liters, manually adjustable
Dimensionof plate
ø 70 ... 90 x 15 mm / ø 2.76 x 3.54 x 0.59 inches
Datastorage
Max.99 parameters and 2000 measurement values
Dimensions
ø 120 x 300 mm / ø 4.72 x 11.81 inches
Standards
HACCP, FDA FMSA, ISO14698-1
Weight
2.6kg / 5.73 lb
See user manual for complete technical specifications.
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com