Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-AS1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-AS1
Description  Air Sampler PCE-AS1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-AS1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-AS1 Datasheet HTML 1Page - PCE Instruments. PCE-AS1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Sampler PCE-AS1
PCE-AS1 Air Sampler
Portable 100 lpm aerosol hygiene monitoring device for airborne microbial, microbiological, bacterial, mold, fungi and virus analysis
PCE-AS1 is an air sampling meter used to assess microbiological pollution and monitor hygiene. Designed for use in hospitals, clean rooms and
food and beverage, cosmetics and pharmaceutical production facilities, the PCE-AS1 air sampler meets the latest requirements for devices used
for airborne microbial analysis. Optional ISO calibration lab certificate as an accessory.
The PCE-AS1 air sampler uses the aerosol impaction principle or Andersen collision principle to assess air quality.  The air taken in at the top of
the instrument is pulled through 300 micropores and the resulting laminar air flow is directed onto the surface of an agar petri dish.  When the
sampling cycle is complete, the petri dish is removed and incubated.  The bacterial and fungal counts can then be assessed in accordance with
USP 797 and CAG-009 guidance.
The collecting head should be sterilized in an autoclave at 121° C for 30 minutes (sterilization with a cloth with 75% alcohol is also possible.) 
The petri dish should also be sterilized with 75% alcohol. 
Features user-friendly navigation, a compact and easily portable design, and a backlit LCD screen
Accommodates manual adjustment of timed volumes from 10 to 6000 liters
Offers data storage and backup for up to 99 parameters and 2000 measurement records with time, date and volume
Boasts a flow throughput of 100 liters per minute (lpm) or 3.53 cfm
Assists with hazard analysis and critical control points (HACCP) system implementation
Aids in compliance with the US Food and Drug Administration's (FDA) Food Safety Modernization Act (FMSA) and with ISO 14698-1
Runs off a rechargeable battery or AC power
Supports standard Petri dishes of 90 mm with or without pipe inputs
The unit comes calibrated by the manufacturer.
At the time of purchase, an ISO calibration certificate may be added as option - see accessories for details


Similar Part No. - PCE-AS1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCE-A-05 ADAM-TECH-PCE-A-05 Datasheet
116Kb / 1P
.100 RECEPTACLE WITH BOARD HOOKS
PCE-A-XX ADAM-TECH-PCE-A-XX Datasheet
80Kb / 1P
909 Rahway Avenue
logo
PCE Instruments.
PCE-A315 PCE-PCE-A315 Datasheet
50Kb / 2P
Technical Moisture Meter PCE-A 315
PCE-A420 PCE-PCE-A420 Datasheet
2Mb / 2P
Environmental Tester PCE-A420
PCE-ABBE-REF2 PCE-PCE-ABBE-REF2 Datasheet
611Kb / 3P
Refractometer PCE-ABBE-REF2
More results

Similar Description - PCE-AS1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9823 AD-AD9823 Datasheet
401Kb / 8P
Correlated Double Sampler (CDS)
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Analog Devices
AD9823 AD-AD9823_15 Datasheet
408Kb / 8P
Correlated Double Sampler
REV. 0
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com