Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RVI2 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RVI2
Description  Viscometer PCE-RVI 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RVI2 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RVI2 Datasheet HTML 1Page - PCE Instruments. PCE-RVI2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCE Instruments UK Ltd.
United Kingdom, SO31 4RF
PCE Americas Inc.
USA, Jupiter, 33458 FL
Phone: +44 023 8098 7030
info@pce-instruments.co.uk
Phone: +1 (561) 320-9162
info@pce-americas.com
Subject to change
General Features PCE- RVI 2
Measuring range
1 ... 100,000 cP
Accuracy
<±2 % of measuring range
Resolution
0.01 cP
Repeatability
±0.5 %
Temperature sensor
resistance temperature sensor
Temperature measurement measu-
ring range
0 ... 100 °C / 32 ... 212 °F
Temperature measurement accuracy
0.1 °C
Adjustable measuring time
30 seconds ... 1 hour or endless
Resolution of the measurement time
30 seconds
Adjustable speed
6, 12, 30, 60 RPM
Sample volume
250 ... 400 ml / 8.4 ... 13.5 fl oz (de-
pending on the spindle)
Spindle
L1 ... L4
Interface
RS232 (SUB D9)
Height adjustability
25 cm / 9.8"
Power supply
primary: 100 ... 240 V AC , 50 / 60 Hz
secondary 12 V DC, 2 A
Ambient conditions
5 ... 35 °C / 41 ... 95 °F, <80 RH, non-
condensing
Dimensions
400 x 200 x 430 mm / 15.7 x 7.8 x
16.9"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com