Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RVI2 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-RVI2
Description  Viscometer PCE-RVI 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RVI2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-RVI2 Datasheet HTML 1Page - PCE Instruments. PCE-RVI2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pce-instruments.com
Viscometer
PCE-RVI 2
The viscometer has a measuring range of 1 ... 100,000 cP. With an accuracy of <±2% of the range, the viscometer is a precise measuring device to determine the
viscosity of a sample liquid. The viscosity is determined by the viscometer on the basis of an applied mechanical resistance that acts in the opposite direction to
the rotational movement of a spindle. The viscometer can be operated with an adjustable speed in the range between 6… 60 RPM.
Many fluids are exposed to thermal stress and therefore change their viscosity, such as engine oils. This is exactly where the viscometer comes in. With the immer-
sion temperature sensor, the temperature of a test object can be determined during the measurement between 0 … 100 °C. The viscometer can be connected to
a PC via the RS232 interface in order to obtain a progression of the measurement. The optional software can then be used to create a temperature and viscosity
curve during a measurement.
The viscometer can be leveled using the feet so that the measuring spindle is always vertical in the medium to be measured. To check the correct alignment there
is a level on the viscometer. At the same time, the height of the test device can be adjusted by a total of 25 cm by the viscometer in order to position the spindle
appropriately.
► spindle set consisting of L1, L2, L3, L4
► measurement accuracy <±2% of measuring range
► temperature measurement
► built-in bubble level for leveling
► optionally with analysis software
► network operation


Similar Part No. - PCE-RVI2

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-RVI8 PCE-PCE-RVI8 Datasheet
212Kb / 2P
Viscometer / Viscosity Meter PCE-RVI 8
More results

Similar Description - PCE-RVI2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
2-1419125-3 MACOM-2-1419125-3 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
2-1419146-0 MACOM-2-1419146-0 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com