Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RVI8 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RVI8
Description  Viscometer / Viscosity Meter PCE-RVI 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RVI8 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RVI8 Datasheet HTML 1Page - PCE Instruments. PCE-RVI8 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Viscosity
 
Measuring range
40.2 ... 141 KU
 
27 ... 5250 cp (1cP = 1 mPa*s)
 
32 ... 1099 g
 
 
Resolution
0.1 KU
 
1 cp
 
1 g
 
 
Accuracy
±1 % of full scale
 
 
Temperature
 
Measuring range
-20 ... 250 °C / -4 ... 482 °F
Resolution
0.1 °C
Accuracy
±0.3 °C
 
 
Spindle
KU1
Rotation speed
200 RPM
Measuring cup
volume  
600 ml
Display
5" LCD touchscreen
Power supply
primary: 100 ... 240 V AC, 0.5 A
 
secondary: 12V DC, 2 A
Operating conditions 5 ... 35 °C / 41 ... 95 °F, (20 °C / 68 °F recommended
temperature)
 
<80 % non-condensing
Dimensions
420 x 180 x 300 mm / 16.5 x 7.1 x 11.8"
Weight
ca. 5 kg / 11 lb
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com