Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RVI8 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-RVI8
Description  Viscometer / Viscosity Meter PCE-RVI 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RVI8 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-RVI8 Datasheet HTML 1Page - PCE Instruments. PCE-RVI8 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Viscometer / Viscosity Meter PCE-RVI 8
Viscometer / viscosity meter with PC interface / Optional ISO factory certificate / Touchscreen /
Measuring units KU, cP, g / Measuring range 40.2 ... 141 KU / Height-adjustable stand mount /
For measuring the viscosity of liquids / Overload protection / Optional software
The viscometer / viscosity meter has a measuring range of 27…. 5250 cp and an accuracy of +1% of the measuring range. The viscometer is
used, for example, in quality control of production processes. In addition, the viscometer is particularly used in laboratories of all kinds. Due to
the wide measuring range, it is possible to carry out a wide range of measurements with the viscometer. This allows the viscosity of paints,
paints, oils and other liquids to be precisely determined with the viscometer.
The 5" LCD touchscreen enables easy operation of the viscometer. The measured values from the viscometer are displayed during the
measurement. At the same time, the measured values are graphically displayed on the viscometer in order to obtain a course of the viscosity.
The external temperature sensor on the viscometer can be used to ensure that the sample is at the correct temperature. This allows the
measurement results to be compared with other samples, since the temperature has an influence on the viscosity. Thus, the temperature
measurement is an essential part of the determination of the viscosity.
With the optional software, the viscometer can be connected to a PC. The software displays the measured values from the viscometer live
during a measurement. The individual measuring points are displayed in a table as well as graphically. The recorded measured values can be
exported as a .csv file for further processing.
Measuring range 27 ... 5250 cp
Automatic shutdown in case of overload
Fixed rotation speed of 200 RPM
Optional software for live viewing
KU1 spindle included in delivery
Large touch screen for easy operation


Similar Part No. - PCE-RVI8

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-RVI2 PCE-PCE-RVI2 Datasheet
330Kb / 2P
Viscometer PCE-RVI 2
More results

Similar Description - PCE-RVI8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
SCREW GEAR FLOWMETER For High Viscosity Liquids
D2161 ETC2-D2161 Datasheet
168Kb / 25P
Standard Practice for Conversion of Kinematic Viscosity to Saybolt Universal Viscosity or to Saybolt Furol Viscosity
logo
Chi Mei Corporation.
CM-205M CHIMEI-CM-205M Datasheet
240Kb / 1P
High viscosity High flow
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com