Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6001H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCD6001H
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCD6001H Datasheet HTML 30Page - NXP Semiconductors PCD6001H Datasheet HTML 31Page - NXP Semiconductors PCD6001H Datasheet HTML 32Page - NXP Semiconductors PCD6001H Datasheet HTML 33Page - NXP Semiconductors PCD6001H Datasheet HTML 34Page - NXP Semiconductors PCD6001H Datasheet HTML 35Page - NXP Semiconductors PCD6001H Datasheet HTML 36Page - NXP Semiconductors PCD6001H Datasheet HTML 37Page - NXP Semiconductors PCD6001H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
2001 Apr 17
34
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.7.2
PARALLEL FLASH INTERFACE
If a parallel (4-Mbit) flash memory is chosen Table 26 is
valid.
Table 26 Using P4 with 4-Mbit parallel flash memory
Since parallel flash memory has a much larger addressing
range than the 64 kbytes addressing capability of the
80CL51, additional addressing is done by means of the
P4 SFR and the P4 I/O pad. The P4 SFR is connected to
Port P4 as shown in Table 27.
One pin is necessary to enable and disable the flash
memory to reduce power consumption. Four pins of P4
are necessary to connect various types of flash memories:
• A parallel flash: P4.0 to P4.2, P4.3, RD and WR are
connected to MA[16:18], CEN, OEN and WN
• A serial flash: FSO, FSI, FSC and P4.3 are connected
to DI, DO, SK and CEN pins
• A CAD flash: P4.1 to P4.3, RD, WR are connected to
CLE, ALE, CEN, REN and WEN pins.
RD and WR are available as separate pins. If an access is
done to the AUX RAM (ARD bit of PCON equals logic 0)
the RD and WR will be logic 1 on these pins.
Bits 1, 2 and 4 of Port 4 are set to FSI, FSK and FSO when
a serial flash is selected in the MCSC SFR.
The P4 SFR is defined in Table 28. Bits P4.6 and P4.7 are
not available as addressable bits or port pins.
P4 pin behaviour and configuration is described in more
detail in Section 16.2.
P4.2
P4.1
P4.0
ADDRESS
0
0
0
Bank 0: 00000H to 0FFFFH
0
0
1
Bank 1: 10000H to 1FFFFH
0
1
0
Bank 2: 20000H to 2FFFFH
0
1
1
Bank 3: 30000H to 3FFFFH
1
0
0
Bank 4: 40000H to 4FFFFH
1
0
1
Bank 5: 50000H to 5FFFFH
1
1
0
Bank 6: 60000H to 6FFFFH
1
1
1
Bank 7: 70000H to 7FFFFH
Table 27 P4 pin behaviour (alternative pin functions)
Note
1. The alternative outputs (GPC, FSI, FSO, FSK and LE) are connected with the general purpose outputs via an AND
logic gate. Therefore when using the alternative functions the corresponding port bits have to be set to a logic 1.
10.7.2.1
Port 4 Register (P4)
Table 28 Port 4 Register (SFR address 98H); reset state 1EH
76
5(1)
43210
−−
P4.5/GPC
P4.4/FSI
P4.3
P4.2/FSO
P4.1/FSK
P4.0/LE
76543210
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com