Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6001H Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCD6001H
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001H Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCD6001H Datasheet HTML 35Page - NXP Semiconductors PCD6001H Datasheet HTML 36Page - NXP Semiconductors PCD6001H Datasheet HTML 37Page - NXP Semiconductors PCD6001H Datasheet HTML 38Page - NXP Semiconductors PCD6001H Datasheet HTML 39Page - NXP Semiconductors PCD6001H Datasheet HTML 40Page - NXP Semiconductors PCD6001H Datasheet HTML 41Page - NXP Semiconductors PCD6001H Datasheet HTML 42Page - NXP Semiconductors PCD6001H Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
2001 Apr 17
39
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
Table 35 I2C-bus bit frequencies in Master mode
Note that any I2C-bus device tolerates a maximum and sometimes a minimum SCL frequency. The correct setting of bits
CR2, CR1 and CR0 using a specific microcontroller clock frequency is therefore important.
10.11.2 STATUS REGISTER (S1STA)
S1STA is an 8-bit read-only register. Its contents may be used as a vector to a service routine. This optimizes the
response time of the software and consequently the I2C-bus.
Table 36 Status Register (SFR address D9H); reset state F8H
10.11.3 DATA SHIFT REGISTER (S1DAT)
S1DAT contains the serial data to be transmitted or data that has just been received. Bit 7 is transmitted or received first.
Table 37 Data Shift Register (SFR address DAH); reset state 00H
10.11.4 ADDRESS REGISTER (S1ADR)
This 8-bit ‘own address register’ may be loaded with the 7-bit address to which the controller will respond when
programmed as a slave receiver/transmitter. The LSB bit GC is used to determine whether the general CALL address is
recognized.
Table 38 Address Register (SFR address DBH); reset state 00H
CR2
CR1
CR0
fmicrocontroller_clk
DIVIDED BY
I2C-BUS BIT FREQUENCY (kHz) at fmicrocontroller_clk
0.9 MHz
3.58 MHz
7.16 MHz
14.32 MHz
21 MHz
0
0
0
10
90
358
−−−
0
0
1
20
45
179
358
−−
0
1
0
30
30
119
239
−−
0
1
1
40
22
90
179
358
−
1
0
0
80
11
45
89.5
179
269
1
0
1
120
7.5
30
59.7
119
179
1
1
0
160
5.6
22
44.8
89.5
134
111
−
−−−−−
BIT
SYMBOL
DESCRIPTION
7 to 3
SC[4:0]
contains the status code defined by the I2C protocol
2to0
−
not used, all bits are 0
BIT
SYMBOL
DESCRIPTION
7 to 0
S1DAT[7:0]
I2C-bus serial data
BIT
SYMBOL
DESCRIPTION
7 to 1
SLA[6:0]
own I2C-bus address
0
GC
0: general CALL address is not recognized
1: general CALL address is recognized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com