Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78K0 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 78K0
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78K0 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 78K0 Datasheet HTML 17Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 18Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 19Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 20Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 21Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 22Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 23Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 24Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
(f) 3-wire serial I/O mode with automatic transmit/ receive function (AUTOCSI
SCKA0
…internal clock output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
600
ns
SCKA0 cycle time
tKCY3
2.7 V
≤ VDD < 4.0 V
1200
ns
4.0 V
≤ VDD ≤ 5.5 V
tKCY3/2 - 50
Not1
ns
SCKA0 high-/low-level width
tKH3
tKL3
2.7 V
≤ VDD < 4.0 V
tKCY3/2 - 100
Not1
ns
SIA0 setup time (to SCKA0
↑)tSIK3
100
ns
SIA0 hold time (to SCKA0
↑)
tKSI3
300
ns
4.0 V
≤ VDD ≤ 5.5 V
200
ns
Delay time from SCKA0
↓ to
SOA0
tKSO3
C = 100 pF
Note2
2.7 V
≤ VDD < 4.0 V
300
ns
Time from SCKA0
↑ to STB0↑
tSBD
tKCY3/2 - 100
Not1
ns
4.0 V
≤ VDD ≤ 5.5 V
tKCY3 - 30
Not1
ns
Strobe signal high level width
tSBW
2.7 V
≤ VDD < 4.0 V
tKCY3 - 60
Not1
ns
Busy signal setup time (to
busy signal detection timing)
tBYS
100
ns
4.0 V
≤ VDD ≤ 5.5 V
100
ns
Busy signal hold time (from
busy signal detection timing)
tBYH
2.7 V
≤ VDD < 4.0 V
150
ns
Time from busy inactive to
SCKA0
↓
tSPS
2tKCY3
ns
Notes 1. This is the value when the high-speed system clock (fXH) is operating.
2.
C is the load capacitance of the SCKA0 and SOA0 output lines.
(g) 3-wire serial I/O mode with automatic transmit/ receive function (AUTOCSI
SCKA0
…external clock input)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
600
ns
SCKA0 cycle time
tKCY4
2.7 V
≤ VDD < 4.0 V
1200
ns
4.0 V
≤ VDD ≤ 5.5 V
T.B.D
ns
SCKA0 high-/low-level width
tKH4
tKL4
2.7 V
≤ VDD < 4.0 V
T.B.D
ns
SIA0 setup time (to SCKA0
↑)tSIK4
100
ns
SIA0 hold time (to SCKA0
↑)
tKSI4
300
ns
4.0 V
≤ VDD ≤ 5.5 V
200
ns
Delay time from SCKA0
↓ to
SOA0 output
tKSO4
C = 50 pF
Note
2.7 V
≤ VDD < 4.0 V
300
ns
Note
C is the load capacitance of the SOA0 output lines.
Caution
Specification at 1.8 V ≤ VDD < 2.7V is not fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com