Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78K0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 78K0
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78K0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 78K0 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 7Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 8Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 9Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 10Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 11Page - List of Unclassifed Manufacturers 78K0 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
4. Electrical specification of KF2 (Target)
Caution
These specifications show target values, which may change after device evaluation.
The operating
voltage range may also change.
Absolute Maximum Ratings(TA = 25
°C) (1/2)
Parameter
Symbol
Conditions
Ratings
Unit
VDD
-0.5 to +6.5
V
EVDD
-0.5 to +6.5
V
VSS
-0.5 to +0.3
V
EVSS
-0.5 to +0.3
V
AVREF
-0.5 to +6.5
V
Supply voltage
AVSS
-0.5 to +0.3
V
VI1
-0.3 to VDD = EVDD +0.3
Note
V
Input voltage
VI2
P60-P63(N-ch open drain)
-0.3 to +6.5
V
Output voltage
VO
-0.3 to VDD = EVDD +0.3
Note
V
Analog input voltage
VAN
-0.3 to AVREF+0.3
Note
V
Per pin
-10
mA
P00-P04, P40-P47,
P120-P124, P130,
P140-P145,
-25
mA
Output current, high
IOH
Total of
all pins
-80 mA
P05-P06,
P10-P17,P30-P33,
P50-P57,P60-P67,
P70-P77
-55
mA
Note
Must be 6.5 V or lower.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those
of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com