Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH503SS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH503SS
Description  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH503SS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH503SS Datasheet HTML 1Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 2Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 3Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
5
7.Absolute Maximum Ratings
Absolute maximum ratings are limited values to be applied chips, and beyond which the absolute
maximum rating may be damage chips. Although the functionality is not necessarily damaged, exposure to
absolute maximum rating conditions for an extended period of time may affect device reliability
Symbol
Parameters
Pins
Min
Max
Unit
Test condition
VCC
supply voltage
1
-20
30
V
t<1000h1)
-
34
V
t<96h1)
-
36
V
t<5min1)
VOUT
Output voltage
3
-0.5
30
V
t<1000h1)
-
34
V
t<96h1)
-
36
V
t<5min1)
IO
Output current
3
-
65
mA
-
IOR
Reverse output current
3
50
-
mA
-
TA
operating ambient
temperature
-
-40
170
℃
t<96h1)
1) No accumulated stress
8.Recommended operating conditions
When the operation of the chip exceeds the range described in the recommended operating conditions,
it may lead to abnormal chip operation and may reduce reliability and service life
Symbol
Parameters
Pins
Min
Typ
Max
Unit
V
CC
supply voltage
1
2.7
-
30
V
T
A
operating ambient
temperature
-
-40
-
150
℃
V
OUT
Output voltage
3
-
-
30
V
I
OUT
Output current
3
-
-
25
mA
ESD ratings
Symbol
Describe
Executive standards
Max
Unit
V
ESD
HBM
JEDEC JS-001-2017
12
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com