Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH503SS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AH503SS
Description  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH503SS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AH503SS Datasheet HTML 2Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 3Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 9Page - List of Unclassifed Manufacturers AH503SS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
6
9.Electrical Parameters
Test conditions:V
CC=2.7V~30V,TA=-40℃~150℃
10.Magnetic Parameters
Part
No.
Switch
Type
TC(pp
m/K)
Bop(Gs)
Brp(Gs)
BHYS(Gs)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
AH503
unipolar -1000
-
55
-
-
35
-
-
20
-
11.Magnetic Characteristics
Brp
Bop
VOL
VOH
Output Voltage
0
BHYS
B
Brp
Bop
VOL
VOH
Output Voltage
0
BHYS
-B
TO92S/SOT23(small)
SOT23-3L
Symbol
Parameters
Pins
Min
Typ
Max
Unit
Test condition
power supply VCC=12V
ICC
Power supply
current
1
-
2.5
3.2
mA
3-wire
ICCR
reverse current
-
-
-
1
mA
VCC=-18V
Output
VOL
Low output voltage
3
-
0.13
0.4
V
IO=20mA
-
-
0.5
V
IO=25mA
TF
Output Fall Time
-
-
-
1
µs
RL=82Ω
CL=20pF
TR
Output Rise Time
-
-
-
1
µs
BNOISE
Effective noise of
magnetic
switching points
-
-
1
-
Gs
Suitable for square
wave signals of
1kHz
TJ
Output Jitter
-
-
-
0.5
µs
Suitable for square
wave signals of
1kHz
TD
delay time
-
-
16
µs
-
TSAMP
Output
-
1.6
2
2.66
µs
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com