Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML317 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML317
Description  ML317 EOG Pod
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ML317 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML317 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I130
Harvard Apparatus • phone 508.893.8999 • toll free U.S. 800.272.2775 • fax 508.429.5732 • www.harvardapparatus.com
PowerLab
ML317 EOG Pod
research
Applications
The EOG Pod is used to measure and display eye movement and position.
In the human the EOG Pod can be used in the measurement of saccadic
and pursuit eye movements. It is ideal for use in undergraduate teaching
laboratories.
The ML317 EOG Pod is a signal conditioner designed to record horizontal and
vertical eye position and movement. The device features a manual DC offset
and is supplied with three shielded lead wires with snap-on connectors.
System Compatibility
The EOG Pod connects to any PowerLab hardware units with Pod ports (8-
pin DIN inputs). PowerLab and MacLab (except 4s, 8s and 16s) units
without Pod ports require the ML305 Pod Expander.
The EOG Pod is supported by the following versions of LabChart and Scope
software:
WINDOWS
MACINTOSH
• LabChart v3.4.8 or later
• LabChart v3.6.3 or later
• Scope v3.6.3 or later
• Scope v3.6.3 or later
Note: Earlier software versions do not support Pods.
Theory of Operation
The EOG Pod is a DC coupled biopotential amplifier with a fixed low-pass
filter (500 Hz) to remove high frequencies. On the front of the Pod, an
offset knob is provided to remove DC drift. The offset control provides ±15
mV of offset range (at input) for all range selections.
The EOG Pod utilizes the steady corneal-retinal potential in the detection of
eye movement and position. This steady dipole may be used to measure
eye position by placing surface electrodes to the left and right of the eyes
(Figure 2). When the gaze is straight ahead, the steady dipole is
symmetrically placed between the two electrodes, and the EOG output is
approximately zero. When the gaze is shifted to the left, the positive cornea
comes closer to the left electrode, which becomes more positive. There is
an almost linear relationship between horizontal angle of gaze and EOG
output (approximately ±30º of arc). Electrodes can also be placed above and
below the eye to record vertical eye movements and using two EOG Pods,
simultaneous vertical and horizontal eye movements can be measured.
Specifications
Amplification Range
±2 mV, ±1 mV, ±500 _V, ±200 _V, ±100 _V
Pod Gain
x1000
Gain Error
±5% untrimmed, ±0.1% when calibrated
Frequency Response
DC to 500 Hz
Low Pass Filter
500 (fixed) 2nd order Butterworth
Temperature Drift
±3 mV/°C
CMRR
>80 dB
IMRR
>110 dB
Input Impedance
<100 M
Ω
Front Panel Control
offset knob for initial zeroing of device
Input Bias (Maximum)
±10 nA @ 25 °C
Input Connector
3 shielded lead wire connectors
Cable Length
1.5 m
Weight
200 ga
The ML317 EOG Pod is supplied with three snap-on connector shielded
lead wires which snap connect to conductive (Ag/AgCl) adhesive
electrodes (MLA1010).
Order #
Model
Product
PY2 77-0043 ML317
EOG Pod
PY2 77-0043 ML317 EOG Pod
CAUTION: Read “Statement of Intended Use” on our website
or in “Getting Started with PowerLab” before use.


Similar Part No. - ML317

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
logo
Coilcraft lnc.
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML312RAA10N_LZ COILCRAFT-ML312RAA10N_LZ Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML312RAA11N_LZ COILCRAFT-ML312RAA11N_LZ Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML312RAA12N_LZ COILCRAFT-ML312RAA12N_LZ Datasheet
180Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - ML317

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260 AEROFLEX-ACT5260 Datasheet
199Kb / 10P
ACT5260PC-P10-POD FR4 Adapter
logo
Sony Corporation
CXD2099AR SONY-CXD2099AR Datasheet
105Kb / 1P
COMMON INTERFACE/POD CONTROLLER
logo
Yamaichi Electronics Co...
CN062 YAMAICHI-CN062 Datasheet
46Kb / 1P
Power Pod Power Connector for Itanium 2 Processor
logo
Molex Electronics Ltd.
1062672011 MOLEX11-1062672011 Datasheet
59Kb / 1P
VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 12 Fiber Bare
1062672031 MOLEX11-1062672031 Datasheet
59Kb / 1P
VersaBeam POD Cable Assembly, Male, Multimode, 50/125m
1062672032 MOLEX11-1062672032 Datasheet
59Kb / 1P
VersaBeam POD Cable Assembly, Male, Multimode, 50/125m
1062673001 MOLEX11-1062673001 Datasheet
53Kb / 1P
VersaBeam POD Cable Assembly, Female, Multimode, 50/125m, 12 Fiber 1.80mm
logo
Adels-Contact
157011G ADELS-157011G Datasheet
123Kb / 1P
LEDtrack POD/11 GEH
157011O ADELS-157011O Datasheet
122Kb / 1P
LEDtrack POD/11 OT
157011U ADELS-157011U Datasheet
124Kb / 1P
LEDtrack POD/11 UT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com