Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5260 Datasheet (PDF) - Aeroflex Circuit Technology

ACT5260 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT5260
Download  ACT5260 Download
File Size   199.23 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5260PC-P10-POD FR4 Adapter

ACT5260 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT5260 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT5260
Download  ACT5260 Click to download

File Size   199.23 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5260PC-P10-POD FR4 Adapter

ACT5260 Datasheet (HTML) - Aeroflex Circuit Technology


ACT5260 Product details

DESCRIPTION:
The ACT5260 is a highly integrated superscalar microprocessor that implements a superset of the MIPS IV Instruction Set Architecture(ISA). It has a high performance 64-bit integer unit, a high throughput, fully pipelined 64-bit floating point unit, an operating system friendly memory management unit with a 48-entry fully associative TLB, a 16 KByte 2-way set associative instruction cache, a 16 KByte 2-way set associative data cache, and a high-performance 64-bit system interface. The ACT5260 can issue both an integer and a floating point instruction in the same cycle.

Features
■ Full militarized QED RM5260 microprocessor
■ Dual Issue superscalar QED RISCMarkä - can issue one integer and one floating-point instruction per cycle microprocessor - can issue one integer and one floating-point instruction per cycle
    ● 100, 133 and 150MHz frequency (200MHz future option) Consult Factory for latest speeds
    ● 260 Dhrystone2.1 MIPS
    ● SPECInt95 4.8. SPECfp95 5.1
■ High performance system interface compatible with R4600, R4700 and R5000
    ● 64-bit multiplexed system address/data bus for optimum price/performance up to 100 MHz operating frequency
    ● High performance write protocols maximize uncached write bandwidth
    ● Operates at input system clock multipliers of 2 through 8
    ● 5V tolerant I/Os
    ● IEEE 1149.1 JTAG boundary scan
■ Integrated on-chip caches - up to 3.2GBps internal data rate
    ● 16KB instruction - 2 way set associative
    ● 16KB data - 2 way set associative
    ● Virtually indexed, physically tagged
    ● Write-back and write-through on per page basis
    ● Pipeline restart on first double for data cache misses
■ Integrated memory management unit
    ● Fully associative joint TLB (shared by I and D translations)
    ● 48 dual entries map 96 pages
    ● Variable page size (4KB to 16MB in 4x increments)
■ Embedded supply de-coupling capacitors and Pll filter components
■ High-performance floating point unit - up to 400 MFLOPS
    ● Single cycle repeat rate for common single precision operations and some double precision operations
    ● Two cycle repeat rate for double precision multiply and double precision combined multiply-add operations
    ● Single cycle repeat rate for single precision combined multiply-add operation
■ MIPS IV instruction set
    ● Floating point multiply-add instruction increases performance in signal processing and graphics applications
    ● Conditional moves to reduce branch frequency
    ● Index address modes (register + register)
■ Embedded application enhancements
    ● Specialized DSP integer Multiply-Accumulate instruction and 3 operand multiply instruction
    ● I and D cache locking by set
    ● Optional dedicated exception vector for interrupts
■ Fully static CMOS design with power down logic
    ● Standby reduced power mode with WAIT instruction
    ● 5 Watts typical at 3.3V, less than 175 mwatts in Standby
■ 208-lead CQFP, cavity-up package (F17)
■ 208-lead CQFP, inverted footprint (F24), Intended to duplicate the commercial QED footprint (Consult Factory)
■ 179-pin PGA package (Future Product) (P10)




Similar Part No. - ACT5260

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
More results


Similar Description - ACT5260

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2099AR SONY-CXD2099AR Datasheet
105Kb / 1P
COMMON INTERFACE/POD CONTROLLER
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
3M Board Stacking Connector System, P10 Series
15-Dec-2009
logo
YAGEO Corporation
ANT1204F002R0433A YAGEO-ANT1204F002R0433A Datasheet
489Kb / 6P
FR4 Chip Antenna
logo
Taoglas antenna solutio...
PC31.07.0050A TAOGLAS-PC31.07.0050A Datasheet
429Kb / 7P
High Efficiency FR4 Antenna
logo
PHOENIX CONTACT
0825129 PHOENIX-0825129 Datasheet
60Kb / 2P
SK 5,0 REEL P10 WH CUS
logo
Adels-Contact
157011G ADELS-157011G Datasheet
123Kb / 1P
LEDtrack POD/11 GEH
157011O ADELS-157011O Datasheet
122Kb / 1P
LEDtrack POD/11 OT
157011U ADELS-157011U Datasheet
124Kb / 1P
LEDtrack POD/11 UT
logo
AVX Corporation
1002232 AVX-1002232 Datasheet
1Mb / 8P
ISM & WLAN FR4 Embedded Antenna
9/27/2021
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com