Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5260 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Aeroflex Circuit Technology
SCD5260PC REV A 9/15/97 Plainview NY (516) 694-6700
6
Absolute Maximum Ratings1
Symbol
Rating
Range
Units
VTERM
Terminal Voltage with respect to GND
-0.52 to 4.6
V
TCASE
Operating Temperature
0 to +85
°C
TBIAS
Case Temperature under Bias
-55 to +125
°C
TSTG
Storage Temperature
-55 to +125
°C
IIN
DC Input Current
203
mA
IOUT
DC Output Current
50
mA
Notes:
1. Stresses above those listed under "AbsoluteMaximums Rating" may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. VIN minimum = -2.0V for pulse width less than 15nS. VIN maximum should not exceed +5.5 Volts.
3. When VIN < 0V or VIN > Vcc.
4. No more than one output should be shorted at one time. Duration of the short should not exceed more than 30 second.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+3.135
+3.465
V
VIH
Input High Voltage
0.7VCC
VCC + 0.5
V
VIL
Input Low Voltage
-0.5
0.2VCC
V
TC
Operating Temperature Case (Commercial)
0
+85
°C
DC Characteristics
(VCC = 3.3V ±5%; TCASE = 0°C to +85°C)
Parameter
Sym
Conditions
133 / 150MHz
Units
Min
Max
Output Low Voltage
VOL1
IOL = 20 µA
0.1
V
Output High Voltage
VOH1
IOL = 20 µA
Vcc - 0.1
V
Output Low Voltage
VOL2
IOL = 4 mA
0.4
V
Output High Voltage
VOH2
IOL = 4 mA
2.4
V
Input High Voltage
VIH
0.7VCC
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
0.2VCC
V
Input Current
IIN1
VIN = 0V
-20
+20
µA
Input Current
IIN2
VIN = VCC
-20
+20
µA
Input Current
IIN3
VIN = 5.5V
-250
+250
µA
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com