Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5260 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT5260 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Aeroflex Circuit Technology
SCD5260PC REV A 9/15/97 Plainview NY (516) 694-6700
3
Although the device has a 4XXX PC 179 pin
PGA compatible footprint, it is not a drop-in
replacement since the RM5260 has a different
clocking
scheme.
The
RM5260
does
not
generate the system clocks the same as the
R4400, R4600 and R4700. Instead, the system
clock is an input, which is multiplied up to the
pipeline rate. On the adapter, the Tclock and
Rclock pins are floating; not connected to
anything. SYNCout and IOout are connected to
ground to commit possible unconnected CMOS
inputs to a level. Depending on the system
configuration,
accommodating
the
clocking
difference can be as simple as a few re-routing
jumpers or generating divisors of the original
MasterClock
and
the
addition
of
some
phase-skewing buffers to emulate the Rclock
and Tclock system clocks. In addition, the boot
time mode bit serial stream needs to be
scrutinized before plugging in a RM5260 into an
R4700 or R4400 socket. The R4700 is closest
to the RM5260 whereas the R4400 is quite
different.
Figure 2 is an example of what had to be done
to an Algorithmics P4000i (IDT79S460) Single
Board Computer which was originally configured
for an R4700 with a 50 MHz input clock (100
MHz pipeline) and a divide by 2 output clock (50
MHz bus rate).
With three wire jumpers, the
ACT5260PC-P10-POD was up and running with
no changes to the boot and monitor PROM or
any recompilation of application programs. In
this
case,
the
R4700's
modebit
stream
happened to be compatible, where a board
jumper used to change the output clocks (Tclock
and Rclock) from divide by 2 to divide by 3 had
the effect of changing the Pclock multiplier from
2 to 3, upping the pipeline rate up to 150 Mhz
without changing the board oscillator.
Application Considerations:
R4700
ACT5260PC
Oscillator
50MHz
Oscillator
50MHz
Figure 2 – Setup Example
From
To



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com