Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5260 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Aeroflex Circuit Technology
SCD5260PC REV A 9/15/97 Plainview NY (516) 694-6700
9
ACT5260PC Adapter Pinouts
4XXX
Signal
PGA
Pin
5260
Pin
4XXX
Signal
PGA
Pin
5260
Pin
4XXX
Signal
PGA
Pin
5260
Pin
INT0
N2
93
SYSAD45
B17
37
VCC
A13
VCC
INT1
L3
94
SYSAD46
E17
39
VCC
A16
VCC
INT2
K3
95
SYSAD47
F17
43
VCC
B18
VCC
INT3
J3
96
SYSAD48
L2
115
VCC
C1
VCC
INT4
H3
97
SYSAD49
M3
119
VCC
D18
VCC
INT5
F2
98
SYSAD5
C4
8
VCC
F1
VCC
IOIN
T13
NC
SYSAD50
N3
121
VCC
G18
VCC
IOOUT
U12
GND
SYSAD51
R2
125
VCC
H1
VCC
JTCK
H17
49
SYSAD52
T3
129
VCC
J18
VCC
JTDI
G16
48
SYSAD53
U3
131
VCC
K1
VCC
JTDO
F16
47
SYSAD54
T6
135
VCCP
K17
64
JTMS
E16
50
SYSAD55
T7
139
VCC
L18
VCC
MODECLK
B4
46
SYSAD56
T10
141
VCC
M1
VCC
MODEIN
U4
58
SYSAD57
T11
145
VCC
N18
VCC
MSTRCLK
J17
661
SYSAD58
U13
149
VCC
R1
VCC
MSTROUT
P17
NC
SYSAD59
V15
151
VCC
T18
VCC
RCLK0
T17
NC
SYSAD6
B5
12
VCC
U1
VCC
RCLK1
R16
NC
SYSAD60
T15
164
VCC
V3
VCC
SYNCIN
J16
NC
SYSAD61
U17
166
VCC
V6
VCC
SYNCOUT
P16
GND
SYSAD62
N16
170
VCC
V8
VCC
SYSAD0
J2
189
SYSAD63
N17
174
VCC
V10
VCC
SYSAD1
G2
193
SYSAD7
B6
16
VCC
V12
VCC
SYSAD10
C12
26
SYSAD8
B9
18
VCC
V14
VCC
SYSAD11
B14
28
SYSAD9
B11
22
VCC
V17
VCC
SYSAD12
B15
32
SYSADC0
C8
183
VCC
T9
VCC
SYSAD13
C16
36
SYSADC1
G17
187
GND
A3
GND
SYSAD14
D17
38
SYSADC2
T8
175
GND
A6
GND
SYSAD15
E18
42
SYSADC3
L16
179
GND
A8
GND
SYSAD16
K2
114
SYSADC4
B8
184
GND
A10
GND
SYSAD17
M2
118
SYSADC5
H16
188
GND
A12
GND
SYSAD18
P1
120
SYSADC6
U8
176
GND
A14
GND
SYSAD19
P3
124
SYSADC7
L17
180
GND
A17
GND
SYSAD2
E1
197
SYSCMD0
E2
73
GND
A18
GND
SYSAD20
T2
128
SYSCMD1
D3
74
GND
B1
GND
SYSAD21
T4
130
SYSCMD2
B2
75
GND
C18
GND
SYSAD22
U5
134
SYSCMD3
A5
76
GND
D1
GND
SYSAD23
U6
138
SYSCMD4
B7
79
GND
F18
GND
SYSAD24
U9
140
SYSCMD5
C9
80
GND
G1
GND
SYSAD25
U11
144
SYSCMD6
B10
83
GND
H18
GND
SYSAD26
T12
148
SYSCMD7
B12
84
GND
J1
GND
SYSAD27
U14
150
SYSCMD8
C13
85
VSSP
K16
65
SYSAD28
U15
163
SYSCMDP
C14
86
GND
K18
GND
SYSAD29
T16
165
TCLK0
C17
NC
GND
L1
GND
SYSAD3
E3
199
TCLK1
D16
NC
GND
M18
GND
SYSAD30
R17
169
VCCOK
M17
110
GND
N1
GND
SYSAD31
M16
173
CLDRST
T14
109
GND
P18
GND
SYSAD32
H2
190
EXTRQST
U2
107
GND
R18
GND
SYSAD33
G3
194
FAULT
B16
NC
GND
T1
GND
SYSAD34
F3
198
NMI
U7
106
GND
U18
GND
SYSAD35
D2
200
RDRDY
T5
59
GND
V1
GND
SYSAD36
C3
7
RELEASE
V5
63
GND
V2
GND
SYSAD37
B3
9
RESET
U16
108
GND
V4
GND
SYSAD38
C6
13
VALIDOUT
R3
62
GND
V7
GND
SYSAD39
C7
17
VALIDIN
P2
61
GND
V9
GND
SYSAD4
C2
6
WRRDY
C5
60
GND
V11
GND
SYSAD40
C10
19
VCC
A2
VCC
GND
V13
GND
SYSAD41
C11
23
VCC
A4
VCC
GND
V16
GND
SYSAD42
B13
27
NC
A7
NC
GND
V18
GND
SYSAD43
A15
29
VCC
A9
VCC
GND
111
2
SYSAD44
C15
33
VCC
A11
VCC
NC
U10
NC
Notes: 1. 5260 pin function SysClk 2. 5260 pin function BigEndian



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com